Electronic Components Datasheet Search
  English  ▼

X  

LM2791 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2791
Description  Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2791 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM2791 Datasheet HTML 3Page - National Semiconductor (TI) LM2791 Datasheet HTML 4Page - National Semiconductor (TI) LM2791 Datasheet HTML 5Page - National Semiconductor (TI) LM2791 Datasheet HTML 6Page - National Semiconductor (TI) LM2791 Datasheet HTML 7Page - National Semiconductor (TI) LM2791 Datasheet HTML 8Page - National Semiconductor (TI) LM2791 Datasheet HTML 9Page - National Semiconductor (TI) LM2791 Datasheet HTML 10Page - National Semiconductor (TI) LM2791 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Application Information (Continued)
turning-on its own parasitic diode and potentially latching-up.
As a result, it is important to select a schottky diode that will
carry at least 200mA or higher current to charge the output
capacitor during start-up. A schottky diode like 1N5817 can
be used for most applications or a surface mount diode such
as BAT54-series and MA2J704 used to reduce the circuit
size. Table 2 below lists suggested schottky diode manufac-
tures.
TABLE 2. Diode Manufactures
Manufacturer
Contact
Schottky Diodes
ON
Semiconductor
(800) 344
3860
www.onsemi.con
Phillips
Semiconductors
(800) 234
7381
www.philipssemiconduc
tor.com
Panasonic
Semiconductor
(408) 945
5622
www.panasonic.com
LED SELECTION
The LM2791 is designed to drive LEDs with a forward volt-
age of about 3.0V to 4.0V or higher. The typical and maxi-
mum V
F depends highly on the manufacturer and their tech-
nology. Table 3 lists two suggested manufactures and
example part numbers. Each supplier makes many LEDs
that work well with the LM2791. The LEDs suggested below
are in a surface mount package and TOPLED or SIDEVIEW
configuration with a maximum forward current of 20mA.
These diodes also come in SIDELED or SIDEVIEW configu-
ration and various chromaticity groups. For applications that
demand color and brigthness matching, care must be taken
to select LEDs from the same chromaticity group. Forward
current matching is assured over the LED process variations
due to the constant current output of the LM2791. For best fit
selection for an application, consult the manufacturer for
detailed information.
TABLE 3. White LED Selection:
Component
Manufacture Contact
LWT673/LWT67C
Osram
www.osram-os.com
NSCW100/ NSCW215 Nichia
www.nichia.com
I
SET PIN
An external resistor, R
SET, sets the mirror current that is
required to provide a constant current through the LEDs. The
current through R
SET and the LED is set by the internal
current mirror circuitry with a ratio of 25:1 The currents
through each LED are matched within 0.3%. R
SET should be
chosen not to exceed the maximum current delivery capa-
bility of the device. Table 4 shows a list of R
SET values when
maximun BRGT = 0V is applied. For other BRGT voltages,
R
SET can be calculated using this formula:
R
SET = (((BRGT * 0.42) + VOFFSET))/(ILED)* 25
TABLE 4. R
SETSelections ( when BRGT pin = 0V)
I
LED per LED
*R
SET
15mA
330
Ω
10mA
500
Ω
5mA
1K
* Use 1% resitor for Rset
Calculation of LED Current When Grounding BRGT:
V
IN = 3.6V
V
OFFSET = 200mV(Reference Voltage)
R
SET = 330
Ω
I
LED =( VOFFSET/RSET) *25
I
LED = (200mV/330) *25 = 15mA
BRGT PIN
The BRGT pin can be used to smoothly vary the brightness
of the White LEDs. In the LM2791, current on BRGT is
connected to an internal resistor divider which gives a factor
0.42 and summed with an offset voltage from the internal
bandgap (200mV). This voltage is fed to the operational
amplifier that controls the current through the mirror resistor
R
SET. The nominal range on BRGT is 0V to 3V. Care must
be taken to prevent voltages on BRGT that cause LED
current to exceed 36mA. Although this will not cause dam-
age to the IC, it will not meet the guaranteed specifications
listed in the Electrical Characteristics.
Table 5 shows the current through each LED for the LM2791
with various BRGT and R
SET values.
Calculation of LED Current When BRGT Pin > 0:
R
SET = 2000
Ω
BRGT = 2.5V
V
OFFSET = 200mV(Reference Voltage)
I
LED = (((BRGT * 0.42) + VOFFSET)/ RSET )* 25
I
LED = (((2.5*0.42) + 0.20)/2000 )*25 =15.6mA
TABLE 5. LED Current When Using BRGT Input (Values Highlighted in Boldface exceeded maximum current range of
the device if both LEDs are in use)
R
SET (
Ω)
1000
Ω
1500
Ω
2000
Ω
2500
Ω
BRGT (V)
I
LED (mA)
I
LED (mA)
I
LED (mA)
I
LED (mA)
0.5
10.25
6.84
5.10
4.1
1.0
15.5
10.3
7.75
6.2
1.5
20.75
13.8
10.37
8.3
2.0
26
17.3
13.00
10.4
2.5
31.25
20.80
15.6
12.5
3.0
36.5
24.3
18.3
14.6
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com