Electronic Components Datasheet Search
  English  ▼

X  

LDR2533 Datasheet(PDF) 4 Page - STMicroelectronics

Part # LDR2533
Description  VERY LOW DROP DUAL VOLTAGE REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDR2533 Datasheet(HTML) 4 Page - STMicroelectronics

  LDR2533 Datasheet HTML 1Page - STMicroelectronics LDR2533 Datasheet HTML 2Page - STMicroelectronics LDR2533 Datasheet HTML 3Page - STMicroelectronics LDR2533 Datasheet HTML 4Page - STMicroelectronics LDR2533 Datasheet HTML 5Page - STMicroelectronics LDR2533 Datasheet HTML 6Page - STMicroelectronics LDR2533 Datasheet HTML 7Page - STMicroelectronics LDR2533 Datasheet HTML 8Page - STMicroelectronics LDR2533 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
LDRxxyy
4/13
TYPICAL CHARACTERISTICS (unless otherwise specified Tj = 25°C)
Figure 4: Dropout Voltage (VO1) vs Temperature
Figure 5: Dropout Voltage (VO2) vs Temperature
Figure 6: Output Voltage (VO1) vs Temperature
Figure 7: Output Voltage (VO2) vs Temperature
Figure 8: Line Regulation (VO1) vs Temperature
Figure 9: Load Regulation (VO1) vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com