Electronic Components Datasheet Search
  English  ▼

X  

DR08AR124 Datasheet(PDF) 2 Page - Alpha Wire

Part # DR08AR124
Description  M12-A Male to M12-A Female
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

DR08AR124 Datasheet(HTML) 2 Page - Alpha Wire

  DR08AR124 Datasheet HTML 1Page - Alpha Wire DR08AR124 Datasheet HTML 2Page - Alpha Wire DR08AR124 Datasheet HTML 3Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • •
Alpha Wire | 711 Lidgerwood Ave, Elizabeth, NJ 07207
www.alphawire.com | 1-800-52 ALPHA
2
Customer Specification
PART NO: DR08AR124
M12-A Male to M12-A Female
Coupling Nut
Copper Alloy, Nickel plated
Shield Sleeve
Copper Alloy, Nickel plated
O-Ring
FKM
Available Lengths
0.6, 1, 3, 5, 10, 15, 20 Meters
Applicable Specifications-
Cable
UL
AWM/STYLE 20549
80°C / 300 VRMS
CSA International
C(RU) AWM I/II A/B FT2
80°C / 300 VRMS
Applicable Specifications-
Cord Set
UL
ANSI/UL 2238, Cable Assembly Extension
RU, UL File Number E485156
CSA
CSA-C22.2 No. 182.3, Special Use
Attachment Plugs, Receptacles and
Connectors
cRU, UL File Number E485156
Nominal Voltage
30 V
Rated Voltage
36 V
Ingress Protection
IP67/NEMA 6P
Environmental Compliance
CE
All materials used in the manufacture of
this part meet the requirements of
European Directive 2011/65/EU regarding
the restriction of use of certain hazardous
substances in electrical and electronic
equipment. Exemption used; 6a.
REACH Regulation (EC
1907/2006)
This product does not contain Substances
of Very High Concern (SVHC) listed on the
European Union’s REACH candidate list in
excess of 0.1% mass of the item.
Physical & Mechanical
Properties
Temperature Range, Cord
-40 to 80°C(static), -25 to 60°C (dynamic)
Temperature Range,
Connector
-25°C to +80°C
Bend Radius
5X Cable Diameter (static), 10X Cable
Diameter (dynamic)
Pull Tension
34 Lbs, Maximum
Current Rating
1.1 Amps @ 50°C
Ordering Information
DR08AR124 SL355
0.6 Meters
DR08AR124 SL356
1.0 Meters
DR08AR124 SL357
3.0 Meters
DR08AR124 SL358
5.0 Meters
DR08AR124 SL359
10.0 Meters



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com