Electronic Components Datasheet Search
  English  ▼

X  

LT3464 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3464
Description  Micropower Boost Converter with Integrated Schottky and Output Disconnect in ThinSOT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3464 Datasheet(HTML) 1 Page - Linear Technology

  LT3464 Datasheet HTML 1Page - Linear Technology LT3464 Datasheet HTML 2Page - Linear Technology LT3464 Datasheet HTML 3Page - Linear Technology LT3464 Datasheet HTML 4Page - Linear Technology LT3464 Datasheet HTML 5Page - Linear Technology LT3464 Datasheet HTML 6Page - Linear Technology LT3464 Datasheet HTML 7Page - Linear Technology LT3464 Datasheet HTML 8Page - Linear Technology LT3464 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT3464
1
3464i
s
Tiny Solution Size
s
Low Quiescent Current
• 25
µA in Active Mode
• 0.5
µA in Shutdown Mode
s
Integrated Schottky Diode
s
Integrated PNP Output Disconnect with
Short-Circuit Protection
s
Internal Reference Override Pin
s
16V at 8mA from 3.6V Input
s
12V at 20mA from 5V Input
s
Low VCE(SAT) Switch: 190mV at 80mA
s
Input Range: 2.3V to 10V
s
High Output Voltage: Up to 34V
s
Low Profile (1mm) ThinSOT Package
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
Micropower Boost
Converter with Integrated Schottky
and Output Disconnect in ThinSOT
January 2003
The LT
®3464 is a micropower step-up DC/DC converter
with integrated Schottky diode and output disconnect
packaged in an 8-lead low profile (1mm) ThinSOT
TM. The
small package size, high level of integration, and the use
of tiny SMT components yield a solution size of less than
40mm2. The LT3464 has a typical current limit of 115mA
as well as fast switching speed to allow the use of a chip
inductor and small ceramic capacitors. The internal PNP
disconnects the output load from the input during shut-
down, and also provides output short-circuit protection.
An auxiliary reference input allows the user to override the
internal 1.25V feedback reference with any lower value,
allowing full control of the output voltage during opera-
tion. This device features a low 25
µA quiescent current,
which is further reduced to less than 1
µA in shutdown. A
current limited fixed off-time control scheme conserves
operating current, resulting in high efficiency over a broad
range of operating current. The rugged 36V switch and
output disconnect circuitry allow outputs up to 34V to be
easily generated in a simple boost topology.
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
LCD Bias
s
Handheld Computers
s
Battery Backup
s
Digital Cameras
s
Cellular Phones
CTRL
SHDN
VIN
VIN
2.3V TO 10V
VOUT
16V
SW
GND
OUT
CAP
FB
LT3464
L1
22
µH
C1
1
µF
C3
0.22
µF
C2
0.33
µF
3.48M
294k
1
8
7
6
3
5
2
4
3464 TA01a
C1: TAIYO YUDEN LMK107 BJ105MA-T
C2: TAIYO YUDEN GMK212 BJ474MG-T
C3: TAIYO YUDEN GMK212 BJ224MG-T
L1: MURATA LQH32CN220K
ThinSOT is a trademark of Linear Technolgy Corporation
Efficiency
Final Electrical Specifications
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
LOAD CURRENT (mA)
90
80
70
60
50
40
30
0.01
1
10
100
3634 TA01b
0.1
VIN = 8.4V
VIN = 4.2V


Similar Part No. - LT3464

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3464 LINER-LT3464 Datasheet
240Kb / 16P
Micropower Boost Converter with Schottky and Output Disconnect in ThinSOT?
LT3464 LINER-LT3464 Datasheet
254Kb / 16P
Micropower Boost Converter with Schottky and Output Disconnect in ThinSOT
LT3464ETS8 LINER-LT3464ETS8 Datasheet
240Kb / 16P
Micropower Boost Converter with Schottky and Output Disconnect in ThinSOT?
LT3464 LINER-LT3464_1 Datasheet
240Kb / 16P
Micropower Boost Converter with Schottky and Output Disconnect in ThinSOT?
LT3464 LINER-LT3464_15 Datasheet
254Kb / 16P
Micropower Boost Converter with Schottky and Output Disconnect in ThinSOT
More results

Similar Description - LT3464

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3400 LINER-LTC3400 Datasheet
181Kb / 12P
600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
LTC3459 LINER-LTC3459 Datasheet
216Kb / 12P
10V Micropower Synchronous Boost Converter in ThinSOT
LT3464 LINER-LT3464_1 Datasheet
240Kb / 16P
Micropower Boost Converter with Schottky and Output Disconnect in ThinSOT?
LT3473 LINER-LT3473 Datasheet
269Kb / 12P
Micropower 1A Boost Converter with Schottky and Output Disconnect
LTC3400-1 LINER-LTC3400-1 Datasheet
294Kb / 12P
600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
LTC3400-1 LINER-LTC3400-1_15 Datasheet
300Kb / 12P
600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
LT3464 LINER-LT3464_15 Datasheet
254Kb / 16P
Micropower Boost Converter with Schottky and Output Disconnect in ThinSOT
LT3473 LINER-LT3473_15 Datasheet
275Kb / 12P
Micropower 1A Boost Converter with Schottky and Output Disconnect
LT3473A LINER-LT3473A_15 Datasheet
275Kb / 12P
Micropower 1A Boost Converter with Schottky and Output Disconnect
LTC3400 LINER-LTC3400_15 Datasheet
223Kb / 12P
600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com