Electronic Components Datasheet Search
  English  ▼

X  

LTC1778 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC1778
Description  Wide Operating Range, No RSENSE TM Step-Down Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1778 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC1778 Datasheet HTML 16Page - Linear Technology LTC1778 Datasheet HTML 17Page - Linear Technology LTC1778 Datasheet HTML 18Page - Linear Technology LTC1778 Datasheet HTML 19Page - Linear Technology LTC1778 Datasheet HTML 20Page - Linear Technology LTC1778 Datasheet HTML 21Page - Linear Technology LTC1778 Datasheet HTML 22Page - Linear Technology LTC1778 Datasheet HTML 23Page - Linear Technology LTC1778 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22
LTC1778/LTC1778-1
1778fa
TYPICAL APPLICATIO S
Positive-to-Negative Converter, –5V/5A at 300kHz
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
RUN/SS
VON
VRNG
FCB
ITH
SGND
ION
VFB
BOOST
TG
SW
PGND
BG
INTVCC
VIN
EXTVCC
LTC1778-1
+
M2
IRF7822
D1
B340A
M1
IRF7811A
L1 2.7
µH
COUT
100
µF
6V
×3
CIN1
10
µF
25V
×2
CIN2
10
µF
35V
VIN
5V TO 20V
VOUT
–5V
CSS
0.1
µF
CC1
4700pF
CC2
100pF
CVCC
4.7
µF
CF
0.1
µF
CB
0.22
µF
RC
10k
R1
10k
RON
698k
R2
52.3k
RF
1
Ω
DB
CMDSH-3
1778 TA06
CIN1: TAIYO YUDEN TMK432BJ106MM
CIN2: SANYO 35CV10GX
COUT: PANASONIC EEFUD0J101R
L1: PANASONIC ETQPAF2R7H
VIN
20V
10V
5V
IOUT
8A
6.7A
5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com