Electronic Components Datasheet Search
  English  ▼

X  

LTC2053CDD Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2053CDD
Description  Precision, Rail-to-Rail Input and Output, Zero-Drift Instrumentation Amplifier with Resistor-Programmable Gain
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2053CDD Datasheet(HTML) 4 Page - Linear Technology

  LTC2053CDD Datasheet HTML 1Page - Linear Technology LTC2053CDD Datasheet HTML 2Page - Linear Technology LTC2053CDD Datasheet HTML 3Page - Linear Technology LTC2053CDD Datasheet HTML 4Page - Linear Technology LTC2053CDD Datasheet HTML 5Page - Linear Technology LTC2053CDD Datasheet HTML 6Page - Linear Technology LTC2053CDD Datasheet HTML 7Page - Linear Technology LTC2053CDD Datasheet HTML 8Page - Linear Technology LTC2053CDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC2053
4
2053fa
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: These parameters are guaranteed by design. Thermocouple effects
preclude measurement of these voltage levels in high speed automatic test
systems. VOS is measured to a limit determined by test equipment
capability.
Note 3: If the total source resistance is less than 10k, no DC errors result
from the input bias currents or the mismatch of the input bias currents or
the mismatch of the resistances connected to –IN and +IN.
Note 4: The CMRR with a voltage gain, AV, larger than 10 is 120dB (typ).
Note 5: At temperatures above 70
°C, the common mode rejection ratio
lowers when the common mode input voltage is within 100mV of the
supply rails.
Note 6: The power supply rejection ratio (PSRR) measurement accuracy
depends on the proximity of the power supply bypass capacitor to the
device under test. Because of this, the PSRR is 100% tested to relaxed
limits at final test. However, their values are guaranteed by design to meet
the data sheet limits.
Gain Error
AV = 1
q
0.001
0.01
%
Gain Nonlinearity
AV = 1
q
3
10
ppm
Input Offset Voltage (Note 2)
VCM = 0V
10
±20
µV
Average Input Offset Drift (Note 2)
TA = – 40°C to 85°C
q
±50
nV/
°C
TA = 85°C to 125°C
q
–1
–2.5
µV/°C
Average Input Bias Current (Note 3)
VCM = 1V
q
410
nA
Average Input Offset Current (Note 3)
VCM = 1V
q
13
nA
Common Mode Rejection Ratio
AV = 1, VCM = – 5V to 5V, LTC2053C
q
105
118
dB
(Notes 4, 5)
AV = 1, VCM = – 4.9V to 4.9V, LTC2053I
q
105
118
dB
AV = 1, VCM = – 5V to 5V, LTC2053I
q
95
118
dB
AV = 1, VCM = –4.9V to 4.9V, LTC2053H
q
100
dB
AV = 1, VCM = –5V to 5V, LTC2053H
q
90
dB
Power Supply Rejection Ratio (Note 6)
VS = 2.7V to 11V
q
110
116
dB
Maximum Output Voltage Swing
RL = 2k to GND, LTC2053C, LTC2053I
q
±4.5
±4.8
V
RL = 10k to GND, LTC2053C, LTC2053I, LTC2053H
q
±4.6
±4.9
V
RL = 2k to GND, LTC2053H
q
±4.4
±4.8
V
Supply Current
VEN ≤ – 4.5V, No Load
q
0.95
1.3
mA
Supply Current, Shutdown
VEN ≥ 4.5V
20
µA
EN Pin Input Low Voltage, VIL
– 4.5
V
EN Pin Input High Voltage, VIH
4.5
V
EN Pin Input Current
VEN = V
–
–3
– 20
µA
Internal Op Amp Gain Bandwidth
200
kHz
Slew Rate
0.2
V/
µs
Internal Sampling Frequency
3kHz
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = 5V, V– = – 5V, REF = 0V.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com