Electronic Components Datasheet Search
  English  ▼

X  

LTC3202EDD Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3202EDD
Description  Low Noise, High Efficiency Charge Pump for White LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3202EDD Datasheet(HTML) 3 Page - Linear Technology

  LTC3202EDD Datasheet HTML 1Page - Linear Technology LTC3202EDD Datasheet HTML 2Page - Linear Technology LTC3202EDD Datasheet HTML 3Page - Linear Technology LTC3202EDD Datasheet HTML 4Page - Linear Technology LTC3202EDD Datasheet HTML 5Page - Linear Technology LTC3202EDD Datasheet HTML 6Page - Linear Technology LTC3202EDD Datasheet HTML 7Page - Linear Technology LTC3202EDD Datasheet HTML 8Page - Linear Technology LTC3202EDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC3202
3202fa
VFB Set Point vs Input Supply
(200mV Setting)
VFB Set Point vs Input Supply
(400mV Setting)
VFB Set Point vs Input Supply
(600mV Setting)
VFB vs Load Current
Input Current vs Load Current
Oscillator Frequency vs Supply
Voltage
TYPICAL PERFOR A CE CHARACTERISTICS
INPUT SUPPLY (V)
2.7
0.21
0.20
0.19
3.0
3.3
3.6
3.9
3202 G01
4.2
4.5
ILOAD = 20µA
VD0 = VIN
VD1 = 0V
TA = 85°C
TA = –40°C
TA = 25°C
INPUT SUPPLY (V)
2.7
0.42
0.40
0.38
3.0
3.3
3.6
3.9
3202 G02
4.2
4.5
ILOAD = 40µA
VD0 = 0V
VD1 = VIN
TA = 85°C
TA = –40°C
TA = 25°C
INPUT SUPPLY (V)
2.7
0.63
0.60
0.57
3.0
3.3
3.6
3.9
3202 G03
4.2
4.5
ILOAD = 60µA
VD0 = VD1 = VIN
TA = 25°C, 85°C
TA = –40°C
LOAD CURRENT (mA)
0
0.8
0.7
0.6
0.5
0.4
0.3
0.2
25
50
75
100
125
150
3202 G04
VD0 = VD1 = VIN
CIN = COUT = CFLY1 = CFLY2 = 1µF
VOUT – VFB = 3.4V
TA = 25°C
VIN = 3V
VIN = 3.2V
LOAD CURRENT (mA)
0
60
100
3202 G05
20
40
80
160
140
120
100
80
60
40
20
0
VIN = 3.6V
CIN = COUT = CFLY1 = CFLY2 = 1µF
TA = 25°C
VOUT = 4.5V
VOUT = 4V
SUPPLY VOLTAGE (V)
2.7
1.9
1.7
1.5
1.3
1.1
0.9
3.0
3.3
3.6
3.9
3202 G06
4.2
4.5
TA = 85°C
TA = –40°C
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com