Electronic Components Datasheet Search
  English  ▼

X  

LTC3716 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3716
Description  2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3716 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3716 Datasheet HTML 17Page - Linear Technology LTC3716 Datasheet HTML 18Page - Linear Technology LTC3716 Datasheet HTML 19Page - Linear Technology LTC3716 Datasheet HTML 20Page - Linear Technology LTC3716 Datasheet HTML 21Page - Linear Technology LTC3716 Datasheet HTML 22Page - Linear Technology LTC3716 Datasheet HTML 23Page - Linear Technology LTC3716 Datasheet HTML 24Page - Linear Technology LTC3716 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21
LTC3716
In order to prevent erratic operation if no external connec-
tions are made to the FCB pin, the FCB pin has a 0.18
µA
internal current source pulling the pin high. Include this
current when choosing resistor values R5 and R6.
The following table summarizes the possible states avail-
able on the FCB pin:
Table 2
FCB Pin
Condition
0V to 0.55V
Forced Continuous (Current Reversal
Allowed—Burst Inhibited)
0.65V < VFCB < 4.3V (typ)
Minimum Peak Current Induces
Burst Mode Operation
No Current Reversal Allowed
Feedback Resistors
Regulating a Secondary Winding
>4.8V
Burst Mode Operation Disabled
Constant Frequency Mode Enabled
No Current Reversal Allowed
No Minimum Peak Current
Active Voltage Positioning
Active voltage positioning can be used to minimize peak-
to-peak output voltage excursion under worst-case tran-
sient loading conditions. The open-loop DC gain of the
control loop is reduced depending upon the maximum
load step specifications. Active voltage positioning can
easily be added to the LTC3716 by loading the ITH pin with
a resistive divider having a Thevenin equivalent voltage
source equal to the midpoint operating voltage of the error
amplifier, or 1.2V (see Figure 8).
APPLICATIO S I FOR ATIO
Figure 8. Active Voltage Positioning Applied to the LTC3716
ITH
RC
RT1
INTVCC
CC
3716 F08
LTC3716
RT2
The resistive load reduces the DC loop gain while main-
taining the linear control range of the error amplifier. The
worst-case peak-to-peak output voltage deviation due to
transient loading can theoretically be reduced to half or
alternatively the amount of output capacitance can
be reduced for a particular application. A complete
explanation is included in Design Solutions 10 or the
LTC1736 data sheet. (See www.linear-tech.com)
Efficiency Considerations
The percent efficiency of a switching regulator is equal to
the output power divided by the input power times 100%.
It is often useful to analyze individual losses to determine
what is limiting the efficiency and which change would
produce the most improvement. Percent efficiency can be
expressed as:
%Efficiency = 100% – (L1 + L2 + L3 + ...)
where L1, L2, etc. are the individual losses as a percentage
of input power.
Although all dissipative elements in the circuit produce
losses, four main sources usually account for most of the
losses in LTC3716 circuits: 1) I2R losses, 2) Topside
MOSFET transition losses, 3) INTVCC regulator current
and 4) LTC3716 VIN current (including loading on the
differential amplifier output).
1) I2R losses are predicted from the DC resistances of the
fuse (if used), MOSFET, inductor, current sense resistor,
and input and output capacitor ESR. In continuous mode
the average output current flows through L and RSENSE,
but is “chopped” between the topside MOSFET and the
synchronous MOSFET. If the two MOSFETs have approxi-
mately the same RDS(ON), then the resistance of one
MOSFET can simply be summed with the resistances of L,
RSENSE and ESR to obtain I2R losses. For example, if each
RDS(ON) = 10mΩ, RL = 10mΩ, and RSENSE= 5mΩ, then the
total resistance is 25m
Ω. This results in losses ranging
from 2% to 8% as the output current increases from 3A to
15A per output stage for a 5V output, or a 3% to 12% loss
per output stage for a 3.3V output. Efficiency varies as the
inverse square of VOUT for the same external components
and output power level. The combined effects of increas-
ingly lower output voltages and higher currents required
by high performance digital systems is not doubling but
quadrupling the importance of loss terms in the switching
regulator system!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com