Electronic Components Datasheet Search
  English  ▼

X  

LTC5532 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC5532
Description  300MHz to 7GHz Precision RF Power Detector with Gain and Offset Adjustment
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5532 Datasheet(HTML) 4 Page - Linear Technology

  LTC5532 Datasheet HTML 1Page - Linear Technology LTC5532 Datasheet HTML 2Page - Linear Technology LTC5532 Datasheet HTML 3Page - Linear Technology LTC5532 Datasheet HTML 4Page - Linear Technology LTC5532 Datasheet HTML 5Page - Linear Technology LTC5532 Datasheet HTML 6Page - Linear Technology LTC5532 Datasheet HTML 7Page - Linear Technology LTC5532 Datasheet HTML 8Page - Linear Technology LTC5532 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC5532
4
5532i
TYPICAL PERFOR A CE CHARACTERISTICS (R
LOAD = 20k)
3600
3200
2800
2400
2000
1600
1200
800
400
0
RF INPUT POWER (dBm)
5532 G11
–32 –28 –24 –20 –16 –12 –8 –4
0
4
8
VCC = 3.6V
TA = –40°C
TA = 85°C
TA = 25°C
3600
3200
2800
2400
2000
1600
1200
800
400
0
RF INPUT POWER (dBm)
5532 G12
–32 –28 –24 –20 –16 –12 –8 –4
0
4
8
VCC = 3.6V
TA = 25°C
3600
3200
2800
2400
2000
1600
1200
800
400
0
RF INPUT POWER (dBm)
5532 G13
–32 –28 –24 –20 –16 –12 –8 –4
0
4
8
3600
3200
2800
2400
2000
1600
1200
800
400
0
RF INPUT POWER (dBm)
5532 G14
–32 –28 –24 –20 –16 –12 –8 –4
0
4
8
VOS = 1V
VOS = 0.5V
VOS = 0.2V
VOS = 0V
VOS = 1V
VOS = 0.5V
VOS = 0.2V
VOS = 0V
300MHz
GAIN = 4
1000MHz
GAIN = 2
1000MHz
GAIN = 4
300MHz
GAIN = 2
3600
3200
2800
2400
2000
1600
1200
800
400
0
RF INPUT POWER (dBm)
5532 G08
–32 –27 –22 –17 –12 –7
–2
3
8
VCC = 3.6V
TA = –40°C
TA = 85°C
TA = 25°C
3600
3200
2800
2400
2000
1600
1200
800
400
0
RF INPUT POWER (dBm)
5532 G10
–32 –28 –24 –20 –16 –12 –8 –4
0
4
8
VCC = 3.6V
TA = –40°C
TA = 85°C
TA = 25°C
VCC = 3.6V
TA = 25°C
VCC = 3.6V
TA = 25°C
3600
3200
2800
2400
2000
1600
1200
800
400
0
RF INPUT POWER (dBm)
5532 G07
–32 –28 –24 –20 –16 –12 –8 –4
0
4
8
VCC = 3.6V
TA = –40°C
TA = 85°C
TA = 25°C
Typical Detector Characteristics,
300MHz, Gain = 4, VOS = 0V
Typical Detector Characteristics,
1000MHz, Gain = 4, VOS = 0V
VOUT vs RF Input Power and VOS,
300MHz, Gain = 2
VOUT vs RF Input Power and VOS,
1000MHz, Gain = 2
Typical Detector Characteristics,
6000MHz, Gain = 2, VOS = 0V
Typical Detector Characteristics,
7000MHz, Gain = 2, VOS = 0V
VOUT vs RF Input Power, 300MHz
and 1000MHz, Gain = 2 and 4,
VOS = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com