Electronic Components Datasheet Search
  English  ▼

X  

MM54HCT151 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HCT151
Description  8-Channel Digital Multiplexer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HCT151 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM54HCT151 Datasheet HTML 1Page - National Semiconductor (TI) MM54HCT151 Datasheet HTML 2Page - National Semiconductor (TI) MM54HCT151 Datasheet HTML 3Page - National Semiconductor (TI) MM54HCT151 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLF9399
November 1995
MM54HCT151MM74HCT151
8-Channel Digital Multiplexer
General Description
This high speed Digital multiplexer utilizes advanced silicon-
gate CMOS technology Along with the high noise immunity
and low power dissipation of standard CMOS integrated cir-
cuits it possesses the ability to drive 10 LS-TTL loads The
MM54HCT151MM74HCT151 selects one of the 8 data
sources depending on the address presented on the A B
and C inputs It features both true (Y) and complement (W)
outputs The STROBE input must be at a low logic level to
enable this multiplexer A high logic level at the STROBE
forces the W output high and the Y output low
MM54HCTMM74HCT devices are intended to interface be-
tween TTL and NMOS components and standard CMOS
devices These parts are also plug-in replacements for LS-
TTL devices and can be used to reduce power consumption
in existing designs
Features
Y
Typical propagation delay 20 ns
Y
Low quiescent supply current 40 mA maximum
(74HCT Series)
Y
Low input current 1 mA maximum
Y
Fanout of 10 LS-TTL loads
Y
TTL input compatible
Connection and Logic Diagrams
Dual-In-Line Package
TLF9399 – 1
Top View
Order Number MM54HCT151 or MM74HCT151
Truth Table
Inputs
Outputs
Select
Strobe
CBA
SY
W
XXX
H
L
H
L
L
L
L
D
D
L
L
H
L
D
D
L
H
L
L
D
D
L
H
H
L
D
D
H
L
L
L
D
D
H
L
H
L
D
D
H
H
L
L
D
D
H
H
H
L
D
D
H e High Level L e Low Level X e Don’t Care
D0 D1D7 e the level of the respective D input
TLF9399 – 2
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - MM54HCT151

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54HCT155 NSC-MM54HCT155 Datasheet
182Kb / 3P
Dual 2-to-4 Line Decoder/Demultiplexers
MM54HCT157 NSC-MM54HCT157 Datasheet
141Kb / 6P
2-Input Multiplexer , Quad 2-Input Multiplexer (Inverted Output)
MM54HCT158 NSC-MM54HCT158 Datasheet
141Kb / 6P
2-Input Multiplexer , Quad 2-Input Multiplexer (Inverted Output)
More results

Similar Description - MM54HCT151

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC151 STMICROELECTRONICS-M54HC151 Datasheet
248Kb / 11P
8 CHANNEL MULTIPLEXER
Feb-1993
logo
Fairchild Semiconductor
MM74HC151 FAIRCHILD-MM74HC151 Datasheet
71Kb / 7P
8-Channel Digital Multiplexer
logo
National Semiconductor ...
MNMM54C151 NSC-MNMM54C151 Datasheet
15Kb / 7P
8-CHANNEL DIGITAL MULTIPLEXER
logo
Toshiba Semiconductor
TC74HC151AFN TOSHIBA-TC74HC151AFN Datasheet
292Kb / 7P
8 - CHANNEL MULTIPLEXER
TC74AC151F TOSHIBA-TC74AC151F Datasheet
272Kb / 6P
8 CHANNEL MULTIPLEXER
TC74HC151AP TOSHIBA-TC74HC151AP_07 Datasheet
340Kb / 10P
8-Channel Multiplexer
logo
STMicroelectronics
M74HC151 STMICROELECTRONICS-M74HC151_01 Datasheet
338Kb / 12P
8 CHANNEL MULTIPLEXER
Jul-2001
logo
Toshiba Semiconductor
TC74AC151F TOSHIBA-TC74AC151F_12 Datasheet
267Kb / 8P
8-Channel Multiplexer
TC74ACT151F TOSHIBA-TC74ACT151F_12 Datasheet
264Kb / 7P
8-Channel Multiplexer
logo
Maxwell Technologies
338RPFS MAXWELL-338RPFS Datasheet
431Kb / 14P
8-CHANNEL MULTIPLEXER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com