Electronic Components Datasheet Search
  English  ▼

X  

DPS-65VB Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # DPS-65VB
Description  Total Power 65W,peak 78W for 3Sec.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DPS-65VB Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  DPS-65VB Datasheet HTML 1Page - Delta Electronics, Inc. DPS-65VB Datasheet HTML 2Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Size:(L x W x H)
115*51.5*30.5 mm
AC Input Connector
C14
DC Output Connector
TUNING FORK PLUG(2.5*5.5)
The de-rating curve of ambient temperature shown as Fig.1.
Fig.1 Ambient temperature to power de-rating curve



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com