Electronic Components Datasheet Search
  English  ▼

X  

297 Datasheet(PDF) 1 Page - Alpha Wire

Part # 297
Description  All materials used in the manufacture of this part are in compliance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

297 Datasheet(HTML) 1 Page - Alpha Wire

  297 Datasheet HTML 1Page - Alpha Wire 297 Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Customer Specification
PART NO. 297
Construction
Diameters (In)
1) Component 1
1 X 1 BUSBAR
a) Conductor
20 (SOLID) AWG TC
0.032
Applicable Specifications
1) Other
CID AA-59551 Type S
ASTM-B33
Environmental
1) EU Directive 2002/95/EC(RoHS):
All materials used in the manufacture of this part are in compliance with EU Directive
2002/95/EU regarding the restriction of use of certain hazardous substances in electrical and
electronic equipment. Consult Alpha Wire's web site for compliance Date of Manufacture.
2) REACH Regulation (EC 1907/2006):
This product does not contain any of the 16 substances listed on the European Union's REACH
Substance of Very High Concern (SVHC) candidate list in excess of 0.1% mass of the item.
Properties
Physical &Mechanical Properties
1) Temperature Range
0 to 200°C
2) Bend Radius
10X Cable Diameter
Electrical Properties
(For Engineering purposes only)
1) Voltage Rating
NOT SPECIFIED
2) Conductor DCR
10.5 /1000ft @20°C, Nominal
Other
1) Packaging
a) 1000 FT
b) 100 FT
2) Notes:
a) AA59551-S20S1T
www.alphawire.com
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742)


Similar Part No. - 297

ManufacturerPart #DatasheetDescription
logo
Littelfuse
297 LITTELFUSE-297 Datasheet
54Kb / 1P
Blade Terminal & Special Purpose Fuses - Low Voltage
logo
Alpha Wire
297 ALPHAWIRE-297 Datasheet
97Kb / 3P
Customer Specification
2/20/2023
297 ALPHAWIRE-297 Datasheet
345Kb / 3P
Customer Specification
7/5/2017
297 SV005 ALPHAWIRE-297 SV005 Datasheet
345Kb / 3P
Customer Specification
7/5/2017
logo
Pomona Electronics
2970 POMONA-2970 Datasheet
27Kb / 1P
Triple Banana Plug
More results

Similar Description - 297

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
FIT-105-MS-1 ALPHAWIRE-FIT-105-MS-1 Datasheet
185Kb / 3P
All materials used in the manufacture of this part are in compliance
FIT-221-MS-1 ALPHAWIRE-FIT-221-MS-1 Datasheet
185Kb / 3P
All materials used in the manufacture of this part are in compliance
FIT-221-MS-2 ALPHAWIRE-FIT-221-MS-2 Datasheet
226Kb / 3P
All materials used in the manufacture of this part are in compliance
FIT-321-MS-1 ALPHAWIRE-FIT-321-MS-1 Datasheet
185Kb / 3P
All materials used in the manufacture of this part are in compliance
FIT-KIT-221BK ALPHAWIRE-FIT-KIT-221BK Datasheet
185Kb / 3P
All materials used in the manufacture of this part are in compliance
XFR21 ALPHAWIRE-XFR21 Datasheet
184Kb / 3P
All materials used in the manufacture of this part are in compliance
XHD1IN ALPHAWIRE-XHD1IN Datasheet
184Kb / 3P
All materials used in the manufacture of this part are in compliance
XHD2IN ALPHAWIRE-XHD2IN Datasheet
184Kb / 3P
All materials used in the manufacture of this part are in compliance
XHD3 ALPHAWIRE-XHD3 Datasheet
184Kb / 3P
All materials used in the manufacture of this part are in compliance
XHD5 ALPHAWIRE-XHD5 Datasheet
184Kb / 3P
All materials used in the manufacture of this part are in compliance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com