Electronic Components Datasheet Search
  English  ▼

X  

M44276 Datasheet(PDF) 2 Page - Alpha Wire

Part # M44276
Description  This product complies with European Directive
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

M44276 Datasheet(HTML) 2 Page - Alpha Wire

  M44276 Datasheet HTML 1Page - Alpha Wire M44276 Datasheet HTML 2Page - Alpha Wire M44276 Datasheet HTML 3Page - Alpha Wire M44276 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Properties
Physical & Mechanical Properties
1) Temperature Range
0 to 75°C
2) Bend Radius
10X Cable Diameter
3) Pull Tension
12.4 Lbs, Maximum
Electrical Properties
(For Engineering purposes only)
1) Voltage Rating
300 VRMS
2) Characteristic Impedance
93 Ω +/- 5
3) Inductance
0.107 µH/ft, Nominal
4) Ground Capacitance
12.8 pf/ft @1 kHz, Nominal
5) Velocity of Propagation
85 %
6) Conductor DCR
41.2 Ω/1000ft @20°C, Nominal
7) OA Shield DCR
3.4 Ω/1000ft @20°C, Nominal
8) Attenuation, Nom dB/100ft
0.3 @ 1 MHz
0.9 @ 10 MHz
1.9 @ 50 MHz
2.7 @ 100 MHz
3.8 @ 200 MHz
5.3 @ 400 MHz
7.3 @ 700 MHz
8.2 @ 900 MHz
8.7 @ 1 GHz
Other
Packaging
Flange x Traverse x Barrel (inches)
a) 1000 FT
12 x 10 x 5 Continuous length
b) 500 FT
12 x 4.5 x 3.5 Continuous length
c) 100 FT
6.5 x 4 x 2.5 Continuous length
d) Bulk(Made-to-order)
[Spool dimensions may vary slightly]
www.alphawire.com
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com