Electronic Components Datasheet Search
  English  ▼

X  

SPL001 Datasheet(PDF) 2 Page - Alpha Wire

Part # SPL001
Description  M12 Male to 2X M12 Female Splitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

SPL001 Datasheet(HTML) 2 Page - Alpha Wire

  SPL001 Datasheet HTML 1Page - Alpha Wire SPL001 Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • •
Alpha Wire | 711 Lidgerwood Ave, Elizabeth, NJ 07207
www.alphawire.com | 1-800-52 ALPHA
2
Customer Specification
PART NO: SPL001 Series
M12 Male to 2X M12 Female Splitter
Contact Resistance
≤ 5 mΩ
Nom. Current @ 40°C
4 A per Port, 4 A Max. Total
Nominal Voltage
60 V
Rated Voltage
63 V
Environmental
Degree of Protection
IP 67/ NEMA 6P
Operating Temperature
Range
-25C (-13F)/ +90C (+194F)
CE
All materials used in the manufacture of
this part meet the requirements of
European Directive 2011/65/EU regarding
the restriction of use of certain hazardous
substances in electrical and electronic
equipment. Exemption used; 6a.
REACH Regulation (EC
1907/2006)
This product does not contain Substances
of Very High Concern (SVHC) listed on the
European Union’s REACH candidate list in
excess of 0.1% mass of the item.
Ordering Information
SPL001 OR032
Each
SPL001W BK032
Each
Although Alpha Wire (“Alpha”) makes every reasonable effort to ensure their accuracy
at the time of this publication, information and specifications described herein are
subject to error or omission and to change without notice, and the listing of such
information and specifications does not ensure product availability. Alpha provides the
information and specification herein on an “AS IS” basis, with no representations or
warranties, whether express, statutory or implied. In no event will Alpha be liable any
damages (including consequential, indirect, incidental, special, punitive, or exemplary
damages) whatsoever, even if Alpha has been advised of the possibility of such damages,
whether in an action under contact, negligence or any other theory, arising out of or in
connection with the use, or inability to use, the information or specification described
herein.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com