Electronic Components Datasheet Search
  English  ▼

X  

SPL003 Datasheet(PDF) 1 Page - Alpha Wire

Part # SPL003
Description  M12 Male to 2X M8 Female Splitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

SPL003 Datasheet(HTML) 1 Page - Alpha Wire

  SPL003 Datasheet HTML 1Page - Alpha Wire SPL003 Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • •
Alpha Wire | 711 Lidgerwood Ave, Elizabeth, NJ 07207
www.alphawire.com | 1-800-52 ALPHA
1
Customer Specification
PART NO: SPL003 Series
M12 Male to 2X M8 Female Splitter
Drawing
Technical Data
Mechanical
Housing
Orange Polyurethane
Insert
Polyurethane
Contact
Copper Alloy, Gold Plated
Coupling Nut
Copper Alloy
O-Ring
FKM
Electrical
Contact Resistance
≤ 5 mΩ


Similar Part No. - SPL003

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SPL0001PCBT LITTELFUSE-SPL0001PCBT Datasheet
551Kb / 2P
CLASS CC AND MIDGET FUSE BLOCK ACCESSORIES
Rev: 030619
SPL0001PCBT LITTELFUSE-SPL0001PCBT Datasheet
323Kb / 1P
L600 PCB Series Midget (10x38 mm) Fuse Holder
Rev:4-B-080113
SPL0001PCBT LITTELFUSE-SPL0001PCBT Datasheet
550Kb / 2P
CLASS CC AND MIDGET FUSE BLOCK ACCESSORIES
2019 Rev: 030619
logo
Alpha Wire
SPL001 ALPHAWIRE-SPL001 Datasheet
214Kb / 2P
M12 Male to 2X M12 Female Splitter
logo
Littelfuse
SPL001 LITTELFUSE-SPL001 Datasheet
1Mb / 4P
LF Series Fuse Block Covers
Rev: 110413
More results

Similar Description - SPL003

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
DR03GR100 ALPHAWIRE-DR03GR100 Datasheet
148Kb / 2P
M12-A Male to M8 Female
DR03GW100 ALPHAWIRE-DR03GW100 Datasheet
143Kb / 2P
M12-A Male to M8 Female 90 Degree
DR04AR117 ALPHAWIRE-DR04AR117 Datasheet
314Kb / 2P
M12 Male to M12 Female
DR04GR101 ALPHAWIRE-DR04GR101 Datasheet
149Kb / 2P
M12-A Male to M8 Female
DR04GW101 ALPHAWIRE-DR04GW101 Datasheet
148Kb / 2P
M12-A Male to M8 Female 90 Degree
GR03HR100 ALPHAWIRE-GR03HR100 Datasheet
140Kb / 2P
M8 Female to M8 Male
GR04HR101 ALPHAWIRE-GR04HR101 Datasheet
143Kb / 2P
M8 Female to M8 Male
HR03GW100 ALPHAWIRE-HR03GW100 Datasheet
145Kb / 2P
M8 Male to M8 90 Degree Female
HR04GW101 ALPHAWIRE-HR04GW101 Datasheet
154Kb / 2P
M8 Male to M8 90 Degree Female
SPL001 ALPHAWIRE-SPL001 Datasheet
214Kb / 2P
M12 Male to 2X M12 Female Splitter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com