Electronic Components Datasheet Search
  English  ▼

X  

G19AP Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # G19AP
Description  General Specifications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

G19AP Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  G19AP Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. G19AP Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. G19AP Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. G19AP Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Series G
Process Sealed Ultra-Miniature Toggles
www.nkk.com
A36
A
Poles
1
SPDT
2
DPDT
1
G
SPDT
ON-OFF-ON Circuit
Toggle Position
( ) = Momentary
Connected Terminals
Throw & Schematics
Pole
Model
Up
Center
Down
Up
Center
Down
Note:
Terminal numbers are
not actually on the switch.
SP
G12
G13
G15
G18
G19
ON
ON
ON
(ON)
ON
NONE
OFF
NONE
OFF
OFF
ON
ON
(ON)
(ON)
(ON)
5-6
OPEN
5-4
SPDT
DP
G22
G23
G25
G28
G29
ON
ON
ON
(ON)
ON
NONE
OFF
NONE
OFF
OFF
ON
ON
(ON)
(ON)
(ON)
5-6 2-3
OPEN
5-4 2-1
DPDT
Circuits
2
ON
NONE
ON
3
ON
OFF
ON
5
ON
NONE
(ON)
8
(ON)
OFF
(ON)
9
ON
OFF
(ON)
( ) = Momentary
3
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
G13AH
POLES & CIRCUITS
A
.150” (3.8mm)
Column Toggle
H
Actuator
A
.150” (3.8mm)
Column Toggle
Right Angle
PC Terminals
Slot
Slot
PC Terminals
P
Straight
H
Right Angle
V
Vertical
5 (COM)
6
4
(COM)
6
4
5
1
2
3
ACTUATOR
A
.150” (3.8mm) Column Toggle
(4.0) Dia
.157
(1.7) Dia
.067
28°
(3.8)
.150
TYPICAL SWITCH ORDERING EXAMPLE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com