Electronic Components Datasheet Search
  English  ▼

X  

111 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 111
Description  Protective Covers Ultrasonically-welded with Strain Relief
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

111 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  111 Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2609 Bartram Road • Bristol, PA 19007-6810 USA
TEL 215-781-9956 • FAX 215-781-9845
WWW.ARIESELEC.COM • INFO@ARIESELEC.COM
11006
Rev. 8.4
1 of 2
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS
CUSTOMIZATION: ARIES SPECIALIZES IN CUSTOM DESIGN AND PRODUCTION.
SPECIAL MATERIALS, PLATINGS, SIZES, AND CONFIGURATIONS CAN BE
FURNISHED, DEPENDING ON QUANTITY.
ARIES RESERVES THE RIGHT TO CHANGE PRODUCT GENERAL SPECIFICATIONS
WITHOUT NOTICE
PRINTOUTS OF THIS DOCUMENT MAY BE OUT-OF-DATE AND SHOULD BE
CONSIDERED UNCONTROLLED
FEATURES
• Wide Array of DIP Jumper Configurations and Wiring Possibilities
• Reliable, Electronically-tested Solder Connections
• Protective Covers Ultrasonically-welded with Strain Relief
• Easy Identification and Tracing with 10-color Cable
GENERAL SPECIFICATIONS
•
HEADER BODY AND COVER: black UL 94V-0 4/6 Nylon
• HEADER PINS: Brass 1/2-hard
• STANDARD PIN PLATING: 10µ [0.25µ] min. Au per MIL-G-45204 over 50µ [1.27µ] min.
Ni per QQ-N-290
• OPTIONAL PLATING: 200µ [5.08µ] min. matte Sn per ASTM B545-97(2004)e1 over 50µ
[1.27mm] min. Ni per QQ-N-290;
–OR– 200µ [5.08µ] 90/10 Sn/Pb per MIL-T-10727 Type I
over 50µ [1.27µ] min. Ni per QQ-N-290
• CABLE INSULATION: UL style 2697 Polyvinyl Chloride (PVC)
• CABLE LAMINATE: clear PVC, self-extinguishing*
• 0.050 [1.27] PITCH CONDUCTORS: 28-AWG, 7/36-strand, tinned Cu per ASTM B 33
• 0.039 [0.99] PITCH CONDUCTORS: 26-AWG, 7/34-strand)
• CABLE CURRENT RATING: 1 amp at 10°C [50°F] above ambient
• CABLE VOLTAGE RATING: 300V
• CABLE TEMPERATURE RATING: 176°F [80°C]
• CABLE CAPACITANCE: 13.0pF/ft. [42.7pF/meter] nominal at 1MHz*
• CROSSTALK: 10-ft sample, 5ns rise time with 2 lines driven; near end 4.7%; far end
4.3% nominal*
• PROPAGATION DELAY: 1.5ns/ft. [4.9ns/meter] nominal*
• INSULATION RESISTANCE: 1010Ω (10 ft. [3 meters] min.)
MOUNTING CONSIDERATIONS
•
SUGGESTED PCB HOLE SIZE: 0.033 ±0.002 [0.86 ±0.05] dia.
* Applies to 0.050 [1.27] Pitch Cable Only
Series 100 thru 111
DIP Jumpers
ORDERING INFORMATION
XX-XXXX-XXX XXX
Optional Header Pin Plating
T = Sn
TL = Sn/Pb
ST = Stripped, Sn-dipped
(106-111 Series)
STL = Stripped & Sn/Pb
dipped ends
(Series 106-111)
Jumper Series
Cable Length (inches)
2" = .002 (min.) [50.88]
2.5" = 002.5
No. of Conductors
(see Table)
Available Sizes
Centers “C”
Dim. “D”
4 thru 20
0.300 [7.62]
0.395 [10.03]
22
0.400 [10.16]
0.495 [12.57]
24, 28, 40
0.600 [15.24]
0.695 [17.65]
NUMBER OF CONDUCTORS
Series 106, 108, 110
Series 107, 109, 111
Wire
Number
Header Pin
Number
Wire
Number
Header Pin
Number
1
1
1
1
2
8
2
2
3
2
3
3
4
7
4
4
5
3
5
5
6
6
6
6
7
4
7
7
8
5
8
8
SINGLE-END DIP JUMPER WIRE LIST


Similar Part No. - 111

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
111 HONEYWELL-111 Datasheet
736Kb / 11P
Temperature Sensors Line Guide
logo
Switchcraft, Inc.
111 SWITCH-111 Datasheet
94Kb / 5P
1/4 ENCLOSED PHONE JACKS
logo
Littelfuse
111 LITTELFUSE-111 Datasheet
1Mb / 1P
111/519 Series 5mm Fuse Clips Taped for Automated Insertion
02/22/15
logo
Copyright Pickering Ele...
111 PICKERING-111 Datasheet
847Kb / 7P
Pico SIL/SIP Reed Relays
ISSUE 1.2 JAN 2022
logo
CEE Norm UK Ltd
111 CEENORM-111 Datasheet
1Mb / 4P
Socket Outlets
More results

Similar Description - 111

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
660-006G16S5 GLENAIR-660-006G16S5 Datasheet
56Kb / 2P
Protective Covers
660-008M20S6 GLENAIR-660-008M20S6 Datasheet
61Kb / 2P
Protective Covers
660-014G16S5 GLENAIR-660-014G16S5 Datasheet
61Kb / 2P
Protective Covers
660-047XO23 GLENAIR-660-047XO23 Datasheet
76Kb / 1P
Protective Covers
660-014G16S5 GLENAIR-660-014G16S5 Datasheet
415Kb / 2P
Protective Covers
660-049XO21R6 GLENAIR-660-049XO21R6 Datasheet
257Kb / 1P
Protective Covers
290-009H10 GLENAIR-290-009H10 Datasheet
34Kb / 1P
Protective Covers
M81511-16-08 GLENAIR-M81511-16-08 Datasheet
72Kb / 1P
Protective Covers
M83723-59-208AC GLENAIR-M83723-59-208AC Datasheet
75Kb / 1P
Protective Covers
logo
Crydom Inc.,
KS101 CRYDOM-KS101 Datasheet
632Kb / 5P
PROTECTIVE COVERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com