Electronic Components Datasheet Search
  English  ▼

X  

112 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 112
Description  Easy Identification and Tracing with 10-color Cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

112 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  112 Datasheet HTML 1Page - Aries Electronics, Inc. 112 Datasheet HTML 2Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2609 Bartram Road • Bristol, PA 19007-6810 USA
TEL 215-781-9956 • FAX 215-781-9845
WWW.ARIESELEC.COM • INFO@ARIESELEC.COM
11008
Rev. 6.2
1 of 2
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
FOR OTHER CONFIGURATIONS, SEE DATA SHEET 11008
FOR JUMPER LENGTHS UNDER 3.000 [76.20], CONSULT FACTORY
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS
CUSTOMIZATION: ARIES SPECIALIZES IN CUSTOM DESIGN AND PRODUCTION.
SPECIAL MATERIALS, PLATINGS, SIZES, AND CONFIGURATIONS CAN BE
FURNISHED, DEPENDING ON QUANTITY.
ARIES RESERVES THE RIGHT TO CHANGE PRODUCT GENERAL SPECIFICATIONS
WITHOUT NOTICE
PRINTOUTS OF THIS DOCUMENT MAY BE OUT-OF-DATE AND SHOULD BE
CONSIDERED UNCONTROLLED
FEATURES
• Wide Array of DIP Jumper Configurations and Wiring Possibilities
• Reliable, Electronically-tested Solder Connections
• Strain Relief Provided thru Potted DIP End
• Protective Covers on Header
• Pitch Bars Maintain 0.100 [2.54] Conductor Spacing
• Easy Identification and Tracing with 10-color Cable
GENERAL SPECIFICATIONS
•
HEADER BODY & PITCH BAR: black UL 94V-0 glass-filled 4/6 Nylon
•
HEADER PINS: Brass 1/2-hard
•
PIN PLATING: 10µ [0.25µ] min. Au per MIL-G-45204 over 50µ [1.27µ] min. Ni per SAE AMS-QQ-
N-290B
•
CABLE INSULATION: UL Style 2697 Polyvinyl Chloride (PVC)
•
CABLE LAMINATE: clear PVC, self-extinguishing*
•
0.050 [1.27] PITCH CONDUCTORS: 28-AWG, 7/36-strand, tinned Cu per ASTM B 33
•
0.039 [0.99] PITCH CONDUCTORS: 26-AWG, 7/34-strand)
•
CABLE CURRENT RATING: 1 amp at 10°C [50°F] above ambient
•
CABLE VOLTAGE RATING: 300V
•
CABLE TEMPERATURE RATING: 176°F [80°C]
•
CABLE CAPACITANCE: 13.0pF/ft. [42.7pF/meter] nominal at 1MHz*
•
CROSSTALK: 10-ft sample, 5ns rise time with 2 lines driven; near end 4.7%; far end 4.3% nominal*
•
PROPAGATION DELAY: 1.5ns/ft. [4.9ns/meter] nominal*
•
INSULATION RESISTANCE: 1010Ω (10 ft. [3 meters] min.)
MOUNTING CONSIDERATIONS
•
SUGGESTED PCB HOLE SIZE: 0.033 ±0.002 [0.86 ±0.05]
dia.
* Applies to 0.050 [1.27] Pitch Cable Only
Series 112, 113, and 114
Deci-Center™ Jumpers
Centers “C”
Dim. “D”
Available Sizes
0.300 [7.62]
0.395 [10.03]
4 thru 20
0.400 [10.16]
0.495 [12.57]
22
0.600 [15.24]
0.695 [17.65]
24, 28, 40
ORDERING INFORMATION
XX-XXX-XXX
Series
112. 113, 114
112X. 113X, 114X
(see Wiring Table)
Cable Length (inches)
3.0" = 003 (min)
3.5" = 003.5
No. of Conductors
(See Table)


Similar Part No. - 112

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
112 CTS-112 Datasheet
63Kb / 3P
22x25mm Stratum 3 OCXO
logo
Honeywell Solid State E...
112 HONEYWELL-112 Datasheet
736Kb / 11P
Temperature Sensors Line Guide
logo
Alpha Wire
112 ALPHAWIRE-112 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
112 ALPHAWIRE-112 Datasheet
99Kb / 4P
Customer Specification
11/30/2022
logo
Heyco.
112 HEYCO-112 Datasheet
289Kb / 1P
Padded Male Blades
More results

Similar Description - 112

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3853T PHILIPS-TDA3853T Datasheet
152Kb / 18P
TV IF amplifier and demodulator with TV-identification
January 1992
logo
Amphenol Corporation
D38999-20FC98PN AMPHENOL-D38999-20FC98PN Datasheet
2Mb / 53P
Insert Availability and Identification Chart
logo
Pixart Imaging Inc.
PAC7010 PIXART-PAC7010 Datasheet
382Kb / 5P
motion tracing ASIC
logo
Omron Electronics LLC
E3X-DAC-S OMRON-E3X-DAC-S Datasheet
1Mb / 16P
Easy and Reliable The Fiber Sensor That Sees in Color
logo
List of Unclassifed Man...
481-0500 ETC2-481-0500 Datasheet
118Kb / 2P
Identification Cable Ties
1345132 ETC2-1345132 Datasheet
102Kb / 3P
color-coded PVC flat cable allows for quick identification and circuit tracing
1346367 ETC2-1346367 Datasheet
102Kb / 3P
Beldens 050 pitch color-coded PVC flat cable allows for quick identification and circuit tracing
logo
Aries Electronics, Inc.
150 ARIES-150 Datasheet
578Kb / 1P
Easy Identification and Tracing with 10-color Cable
152 ARIES-152 Datasheet
839Kb / 1P
Easy Identification and Tracing with 10-color Cable
200 ARIES-200 Datasheet
1Mb / 2P
Easy Identification and Tracing with 10-color Cable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com