Electronic Components Datasheet Search
  English  ▼

X  

150 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 150
Description  Easy Identification and Tracing with 10-color Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

150 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  150 Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2609 Bartram Road • Bristol, PA 19007-6810 USA
TEL 215-781-9956 • FAX 215-781-9845
WWW.ARIESELEC.COM • INFO@ARIESELEC.COM
11010
Rev. 5.2
1 of 1
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS
CUSTOMIZATION: ARIES SPECIALIZES IN CUSTOM DESIGN AND PRODUCTION.
SPECIAL MATERIALS, PLATINGS, SIZES, AND CONFIGURATIONS CAN BE
FURNISHED, DEPENDING ON QUANTITY.
ARIES RESERVES THE RIGHT TO CHANGE PRODUCT GENERAL SPECIFICATIONS
WITHOUT NOTICE
PRINTOUTS OF THIS DOCUMENT MAY BE OUT-OF-DATE AND SHOULD BE
CONSIDERED UNCONTROLLED
FEATURES
• WideArrayofDIPJumperConfigurationsandWiringPossibilities
• PitchBarsMaintain0.100[2.54]ConductorSpacing
• EasyIdentificationandTracingwith10-colorCable
GENERAL SPECIFICATIONS
•
PITCH BAR:blackUL94V-0glass-filled4/6Nylon
•
CABLE INSULATION:ULStyle2697PolyvinylChloride(PVC)
•
CABLE LAMINATE:self-extinguishingclearPVC
•
CONDUCTORS:28-AWG,7/36-strand,TinnedCuperASTMB33
•
CONTACT CURRENT RATING:1ampat10°C[50°F]aboveambient
•
CABLE VOLTAGE RATING:300V
•
CABLE TEMPERATURE RATING:-176°F[80°C]
•
CABLE CAPACITANCE:13.0pF/ft.[42.7pF/meter]nominalat1MHz
•
CROSSTALK:10’sample,5nsRiseTimewith2linesdriven;Nearend4.7%;Farend4.3%
nominal
•
INSULATION RESISTANCE: 1010Ω(10ft.[3meters]min.)
MOUNTING CONSIDERATIONS
•
SUGGESTED PCB HOLE SIZE:0.033±0.002[0.86±0.05]dia.
Series 150/151
Deci-Center™ Jumpers
ORDERING INFORMATION
XX-YYY 15X XX
Optional Ends
ST=Stripped&Tinned
Series Identifier
Length “L”(inches)
1.00"=001(min)
1.25" = 001.25
1.50" = 001.5
Etc.
No. of Conductors
(upto24)


Similar Part No. - 150

ManufacturerPart #DatasheetDescription
logo
Littelfuse
150 LITTELFUSE-150 Datasheet
48Kb / 2P
MINIATURE FUSES - 5x15 mm
logo
Productwell Precision E...
150 PRODUCTWELL-150 Datasheet
178Kb / 4P
SHIELDED SMT POWER INDUCTORS
logo
List of Unclassifed Man...
150 ETC2-150 Datasheet
355Kb / 1P
INTERCONNECT BATTERY HOLDERS
logo
SUNMATE electronic Co.,...
150 SUNMATE-150 Datasheet
110Kb / 2P
1.3 Watts Axial Leaded Zener Diodes
logo
TE Connectivity Ltd
150 TEC-150 Datasheet
563Kb / 3P
Limiting continuous current 130A at 85째C
More results

Similar Description - 150

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3853T PHILIPS-TDA3853T Datasheet
152Kb / 18P
TV IF amplifier and demodulator with TV-identification
January 1992
logo
Amphenol Corporation
D38999-20FC98PN AMPHENOL-D38999-20FC98PN Datasheet
2Mb / 53P
Insert Availability and Identification Chart
logo
Pixart Imaging Inc.
PAC7010 PIXART-PAC7010 Datasheet
382Kb / 5P
motion tracing ASIC
logo
Omron Electronics LLC
E3X-DAC-S OMRON-E3X-DAC-S Datasheet
1Mb / 16P
Easy and Reliable The Fiber Sensor That Sees in Color
logo
List of Unclassifed Man...
481-0500 ETC2-481-0500 Datasheet
118Kb / 2P
Identification Cable Ties
1345132 ETC2-1345132 Datasheet
102Kb / 3P
color-coded PVC flat cable allows for quick identification and circuit tracing
1346367 ETC2-1346367 Datasheet
102Kb / 3P
Beldens 050 pitch color-coded PVC flat cable allows for quick identification and circuit tracing
logo
Aries Electronics, Inc.
112 ARIES-112 Datasheet
782Kb / 2P
Easy Identification and Tracing with 10-color Cable
152 ARIES-152 Datasheet
839Kb / 1P
Easy Identification and Tracing with 10-color Cable
200 ARIES-200 Datasheet
1Mb / 2P
Easy Identification and Tracing with 10-color Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com