Electronic Components Datasheet Search
  English  ▼

X  

152 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 152
Description  Easy Identification and Tracing with 10-color Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

152 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  152 Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2609 Bartram Road • Bristol, PA 19007-6810 USA
TEL 215-781-9956 • FAX 215-781-9845
WWW.ARIESELEC.COM • INFO@ARIESELEC.COM
11014
Rev. 10.2
1 of 1
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
FOR PRE-TINNED, BARE-ENDED JUMPERS, CONSULT FACTORY
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS
CUSTOMIZATION: ARIES SPECIALIZES IN CUSTOM DESIGN AND PRODUCTION.
SPECIAL MATERIALS, PLATINGS, SIZES, AND CONFIGURATIONS CAN BE
FURNISHED, DEPENDING ON QUANTITY.
ARIES RESERVES THE RIGHT TO CHANGE PRODUCT GENERAL SPECIFICATIONS
WITHOUT NOTICE
PRINTOUTS OF THIS DOCUMENT MAY BE OUT-OF-DATE AND SHOULD BE
CONSIDERED UNCONTROLLED
FEATURES
• Au-platedEndConnectorswithSolidBrassPinson0.100[2.54]Centers
• AvailableSingle-ended(Series156),Double-ended(Series157),orBare-ended(Series152)
• Reliable,Electronically-testedSolderConnections
• EasyIdentificationandTracingwith10-colorCable
GENERAL SPECIFICATIONS
•
HOUSING:naturalUL94-HBNylon6/6
•
HEADER PINS:Brass,1/2-hard
•
PIN PLATING:10µ[0.25µ]min.AuperMIL-G-45204over50µ[1.27µ]min.NiperSAEAMS-
QQ-N-290B
•
CABLE INSULATION:ULStyle1061PolyvinylChloride(PVC),semi-rigid
•
LAMINATE:clearPVC,Self-extinguishing
•
CONDUCTORS:26-AWG,7/34-strand,tinnedCuperASTMB33Series152Conductorsarenot
pre-tinned.Consultfactoryforpre-tinned,bare-endedjumpers
•
CABLE CURRENT RATING:1ampat10°C[50°F]aboveambient
•
CABLE VOLTAGE RATING:300V
•
CABLE TEMPERATURE RATING:176°F[80°C]
MOUNTING CONSIDERATIONS
•
SUGGESTED PCB HOLE SIZE:0.033±0.002[0.86±0.05]dia.
Series 152, 156, and 157 In-Line
Jumpers on 0.100 [2.54] Centers
No. of Conductors
Min. Insulation Length
4thru8
1.00[25.40]
9and10
1.25[31.75]
11thru22
1.50[38.10]
ORDERING INFORMATION
XX-XXX-XXX
Series
156=Single-ended*
157=Double-ended*
152=Bare-ended
Cable Length “L” (inches)
1.00"=001(min)
1.25" = 001.25
1.50" = 001.5
Etc.
No. of Conductors
(4thru22)
*NotAvailableinRoHS


Similar Part No. - 152

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
152 RENESAS-152 Datasheet
887Kb / 135P
RENESAS MCU
logo
List of Unclassifed Man...
152 ETC2-152 Datasheet
355Kb / 1P
INTERCONNECT BATTERY HOLDERS
logo
New Jersey Semi-Conduct...
152 NJSEMI-152 Datasheet
133Kb / 2P
NPN Power TRANSISTORS
logo
Vishay Siliconix
152 VISHAY-152 Datasheet
324Kb / 4P
7/8" (22.2 mm) Single Turn Wirewound, Precision Potentiometer
27-Mar-15
logo
France Joint
152 FRANCEJOINT-152 Datasheet
366Kb / 6P
ROD SEALS
More results

Similar Description - 152

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3853T PHILIPS-TDA3853T Datasheet
152Kb / 18P
TV IF amplifier and demodulator with TV-identification
January 1992
logo
Amphenol Corporation
D38999-20FC98PN AMPHENOL-D38999-20FC98PN Datasheet
2Mb / 53P
Insert Availability and Identification Chart
logo
Pixart Imaging Inc.
PAC7010 PIXART-PAC7010 Datasheet
382Kb / 5P
motion tracing ASIC
logo
Omron Electronics LLC
E3X-DAC-S OMRON-E3X-DAC-S Datasheet
1Mb / 16P
Easy and Reliable The Fiber Sensor That Sees in Color
logo
List of Unclassifed Man...
481-0500 ETC2-481-0500 Datasheet
118Kb / 2P
Identification Cable Ties
1345132 ETC2-1345132 Datasheet
102Kb / 3P
color-coded PVC flat cable allows for quick identification and circuit tracing
1346367 ETC2-1346367 Datasheet
102Kb / 3P
Beldens 050 pitch color-coded PVC flat cable allows for quick identification and circuit tracing
logo
Aries Electronics, Inc.
112 ARIES-112 Datasheet
782Kb / 2P
Easy Identification and Tracing with 10-color Cable
150 ARIES-150 Datasheet
578Kb / 1P
Easy Identification and Tracing with 10-color Cable
200 ARIES-200 Datasheet
1Mb / 2P
Easy Identification and Tracing with 10-color Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com