Electronic Components Datasheet Search
  English  ▼

X  

152FB Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 152FB
Description  Jumpers Shipped with Protective Tabs on Ends to Maintaining Proper Conductor Spacing
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

152FB Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  152FB Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2609 Bartram Road • Bristol, PA 19007-6810 USA
TEL 215-781-9956 • FAX 215-781-9845
WWW.ARIESELEC.COM • INFO@ARIESELEC.COM
11001
Rev. 1.5
1 of 1
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
ALL CABLES SHIP WITH Pb-FREE MATERIAL UNLESS CUSTOMER SPECIFIED
WHEN ORDERING
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS
CUSTOMIZATION: ARIES SPECIALIZES IN CUSTOM DESIGN AND PRODUCTION.
SPECIAL MATERIALS, PLATINGS, SIZES, AND CONFIGURATIONS CAN BE
FURNISHED, DEPENDING ON QUANTITY.
ARIES RESERVES THE RIGHT TO CHANGE PRODUCT GENERAL SPECIFICATIONS
WITHOUT NOTICE
PRINTOUTS OF THIS DOCUMENT MAY BE OUT-OF-DATE AND SHOULD BE
CONSIDERED UNCONTROLLED
FEATURES
• FlexibleFusion-bondedJumpersPlugDirectlyintoPCBoardsorSockets
• StrandedWireConductorsFusion-bondedwithanOvercoatofSnforEasySolderingorSocketing
• JumpersShippedwithProtectiveTabsonEndstoMaintainingProperConductorSpacing
GENERAL SPECIFICATIONS
•
INSULATION:ULVW-1,Style2651PolyvinylChloride(PVC)withoptionalPolar-
izationStripeononeside
•
NOMINAL INSULATION THICKNESS: 0.009 [0.23]
•
CONDUCTORS:26-gauge,7-strandCuwithSnfusion-bondedovercoat
•
OPERATING TEMPERATURE: -4°F to 221°F [-20°C to 105°C]
•
VOLTAGE RATING: 300Vrms
•
DIELECTRIC WITHSTANDING VOLTAGE: 1500Vrms
•
INSULATION RESISTANCE: 10,000 MΩper10feet[3.05meters]
•
RESISTANCE: 40.3Ωper1000feet[304.8meters]
•
PROPAGATION DELAY:1.3ns/ft.
MOUNTING CONSIDERATIONS
•
SUGGESTED PCB HOLE SIZE: 0.033 ±0.002 [0.84 ±0.05] dia.
Series 152FB
Fusion-Bonded Cable Jumpers
# Conductors
Min. Insulation Length
4thru8
1.000 [25.40]
9and10
1.250 [31.75]
11thru22
1.500 [38.10]
ORDERING INFORMATION
XX-XXXXX-152FB X
Option
P=PolarizationStrip,along
oneedgeofcable*
Jumper Series
Cable Length “L” (inches)
2.00" = 002
2.50" = 002.5
2.25" = 002.25
2.125" = 002.125
Etc.
No. of Conductors
4thru22
* Ariesreservestherighttoshipwithorwithoutunless
specifiedbycustomer.


Similar Part No. - 152FB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
152F04PP460R ETC1-152F04PP460R Datasheet
123Kb / 1P
POLYPROPYLENE-FOIL SELF CASED AXIAL LEADS
152F04PP481R ETC1-152F04PP481R Datasheet
123Kb / 1P
POLYPROPYLENE-FOIL SELF CASED AXIAL LEADS
152F04PP580R ETC1-152F04PP580R Datasheet
123Kb / 1P
POLYPROPYLENE-FOIL SELF CASED AXIAL LEADS
152F06PP460R ETC1-152F06PP460R Datasheet
123Kb / 1P
POLYPROPYLENE-FOIL SELF CASED AXIAL LEADS
152F06PP481R ETC1-152F06PP481R Datasheet
123Kb / 1P
POLYPROPYLENE-FOIL SELF CASED AXIAL LEADS
More results

Similar Description - 152FB

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CD3016B CDI-DIODE-CD3016B Datasheet
113Kb / 2P
1 WATT CAPABILITY WITH PROPER HEAT SINKING
CD3821 CDI-DIODE-CD3821 Datasheet
110Kb / 2P
1 WATT CAPABILITY WITH PROPER HEAT SINKING
CD957B CDI-DIODE-CD957B Datasheet
114Kb / 2P
0.5 WATT CAPABILITY WITH PROPER HEAT SINKING
logo
RCD COMPONENTS INC.
ZJ2-BC2W RCD-ZJ2-BC2W Datasheet
53Kb / 1P
ZERO-OHM JUMPERS, 2A to 25A
logo
Precid-Dip Durtal SA
110-87-320-41-005101 PREDIP-110-87-320-41-005101 Datasheet
4Mb / 29P
MaLE JumpERS
logo
PHOENIX CONTACT
3050031 PHOENIX-3050031 Datasheet
881Kb / 3P
Quick Connection Screw Protective Conductor
1070018 PHOENIX-1070018 Datasheet
1Mb / 33P
Protective conductor terminal - PTRVB 4-PE
May 16, 2022
1329507 PHOENIX-1329507 Datasheet
1Mb / 66P
Protective conductor terminal - XTV 6-TWIN-PE
Nov 3, 2022
1329606 PHOENIX-1329606 Datasheet
1Mb / 47P
Protective conductor terminal - XTV 10-TWIN-PE
Nov 3, 2022
logo
WECO ELECTRICAL CONNECT...
307-V WECO-307-V Datasheet
81Kb / 1P
Jumpers Accessories
04.18
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com