Electronic Components Datasheet Search
  English  ▼

X  

154 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 154
Description  Maintain 0.100 [2.54] Conductor Spacing with Pitch Bars
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

154 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  154 Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2609 Bartram Road • Bristol, PA 19007-6810 USA
TEL 215-781-9956 • FAX 215-781-9845
WWW.ARIESELEC.COM • INFO@ARIESELEC.COM
11015
Rev. 5.5
1 of 1
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
NOT TO BE USED FOR HIGH-FLEX APPLICATIONS
FOR HIGH-FLEX APPLICATIONS, SEE DATA SHEETS 11005 & 11014
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS
CUSTOMIZATION: ARIES SPECIALIZES IN CUSTOM DESIGN AND PRODUCTION.
SPECIAL MATERIALS, PLATINGS, SIZES, AND CONFIGURATIONS CAN BE
FURNISHED, DEPENDING ON QUANTITY.
ARIES RESERVES THE RIGHT TO CHANGE PRODUCT GENERAL SPECIFICATIONS
WITHOUT NOTICE
PRINTOUTS OF THIS DOCUMENT MAY BE OUT-OF-DATE AND SHOULD BE
CONSIDERED UNCONTROLLED
FEATURES
• Maintain0.100[2.54]ConductorSpacingwithPitchBars
GENERAL SPECIFICATIONS
•
PITCH BAR:BlackUL94V-0glass-filled4/6Nylon
•
CABLE INSULATION:ULStyle1061PolyvinylChloride(PVC),semi-rigid
•
LAMINATE:ClearPVC,Self-extinguishing
•
CONDUCTORS:24-AWG,tinned,solidCu
•
CABLE CURRENT RATING:1ampat10°C[50°F]aboveambient
•
CABLE VOLTAGE RATING:300V
•
CABLE TEMPERATURE RATING:176°F[80°C]
MOUNTING CONSIDERATIONS
•
SUGGESTED PCB HOLE SIZE:0.033±0.002[0.86±0.05]dia.
Series 154 Yellow Streak Jumpers
on 0.100 [2.54] Centers
ORDERING INFORMATION
XX-XXXX-XXXX
Series
154YS=WithoutPitchBars
154YP=WithPitchBars
Length “L”(inches)
2.00"=002(min)
2.50" = 002.5
3.00" = 003
Etc.
No. of Conductors
(4thru22)


Similar Part No. - 154

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
154 ETC2-154 Datasheet
115Kb / 2P
RUGGED and LIGHTWEIGHT ALUMINUM BATTERY HOLDERS
logo
Littelfuse
154 LITTELFUSE-154 Datasheet
199Kb / 2P
154/154T/154L/154TL Series OMNI-BLOK Fuse and Holder Assembly
logo
France Joint
154 FRANCEJOINT-154 Datasheet
366Kb / 6P
ROD SEALS
logo
Keystone Electronics Co...
154 KEYSTONE-154 Datasheet
418Kb / 1P
RUGGED & LIGHTWEIGHT ALUMINUM BATTERY HOLDERS
31-07 20th
logo
Adafruit Industries
154 ADAFRUIT-154 Datasheet
180Kb / 3P
Continuous Rotation Servo - FeeTech FS5103R
11/27/2015
More results

Similar Description - 154

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
OLB2350 SIEMENS-OLB2350 Datasheet
53Kb / 1P
LIGHT BARS
OLB2600 SIEMENS-OLB2600 Datasheet
44Kb / 1P
LIGHT BARS
OLB2620 SIEMENS-OLB2620 Datasheet
43Kb / 1P
LIGHT BARS
OLB2655 SIEMENS-OLB2655 Datasheet
37Kb / 1P
LIGHT BARS
OLB2685 SIEMENS-OLB2685 Datasheet
210Kb / 5P
LIGHT BARS
logo
Marktech Corporate
MTLB250-O MARKTECH-MTLB250-O Datasheet
39Kb / 1P
LIGHT BARS
MTLB251-G MARKTECH-MTLB251-G Datasheet
35Kb / 1P
LIGHT BARS
MTLB253-G MARKTECH-MTLB253-G Datasheet
35Kb / 1P
LIGHT BARS
MTLB257-HR MARKTECH-MTLB257-HR Datasheet
44Kb / 1P
LIGHT BARS
logo
List of Unclassifed Man...
WS-201 ETC2-WS-201 Datasheet
576Kb / 2P
Maintain with a minimum of spare parts and tools
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com