Electronic Components Datasheet Search
  English  ▼

X  

LHIRSBKS34493-R23 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LHIRSBKS34493-R23
Description  DURL COLOR LED LAMPS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHIRSBKS34493-R23 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LHIRSBKS34493-R23 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHIRSBKS34493-R23 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHIRSBKS34493-R23 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHIRSBKS34493-R23 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHIRSBKS34493-R23 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHIRSBKS34493-R23 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHIRSBKS34493-R23 Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Luminous
intensity
@20mA(mcd)
Forward
voltage
@20mA(V)
Spectral
halfwidth
△λnm
Dominant
wave
length
λDnm
Viewing
angle
2
θ 1/2
(deg)
COLOR
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The radiant intensity data did not including
±15% testing tolerance.
475
Blue
InGaN/SiC
LHIRSBKS34493
/R23
GaAIAs
Water Clear
Infrared
MATERIAL
PART NO
Lens
Emitted
3.5
120
90
50
4.2
26
Max.
Typ.
Min.
Min.
Typ.
Typ.
0.7
850
5
1.2
50
SBK Typical Electrical & Optical Characteristics (Ta=25
℃)
IR
Reverse Current
Forward Voltage
VF
0.42
Ee
Aperture Radiant Incidence
Spectral Line Half Width
△λ
Peak Emission Wavelength
λpeak
Radiant Intensity
3
Le
PARAMETER
Min.
SYMBOL
μA
VR=5V
100
1.6
V
IF=20mA
2
mW/cm
IF=20mA
nm
IF=20mA
nm
IF=20mA
mW/sr
IF=20mA
TEST CONDITION
UNIT
Max.
Absolute Maximum Ratings at Ta=25
℃
HIR Electrical Optical Characteristics (Aa=25
)
℃
-30 ~ +100
-20 ~ +80
Operating Temperature
Storage Temperature
Tstg
Topr
Reverse Voltage
Vr
IFP
Peak Forward Current
(300PPS,10
μs Pulse)
Power Dissipation
PD
Forward Current
IF
Symbol
Parameter
℃
-40 ~ +85
-40 ~ +85
℃
5
10
V
A
1
----
120
100
mW
30
50
mA
UNIT
HIR
SBKS
Ratings
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 2/6
120
----
----
----
----
PART NO. LHIRSBKS34493/R23
Peak Forward Current
Duty 1/10@10KHz
IFP
100
----
mA
----



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com