Electronic Components Datasheet Search
  English  ▼

X  

0503 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 0503
Description  Available with Solder Pin Tails or Wire Wrap Pins
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

0503 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  0503 Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2609 Bartram Road • Bristol, PA 19007-6810 USA
TEL 215-781-9956 • FAX 215-781-9845
WWW.ARIESELEC.COM • INFO@ARIESELEC.COM
12014
Rev. 5.1
1 of 1
CUSTOMIZATION: ARIES SPECIALIZES IN CUSTOM DESIGN AND PRODUCTION.
SPECIAL MATERIALS, PLATINGS, SIZES, AND CONFIGURATIONS CAN BE
FURNISHED, DEPENDING ON QUANTITY.
ARIES RESERVES THE RIGHT TO CHANGE PRODUCT GENERAL SPECIFICATIONS
WITHOUT NOTICE
PRINTOUTS OF THIS DOCUMENT MAY BE OUT-OF-DATE AND SHOULD BE
CONSIDERED UNCONTROLLED
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
FOR STRIP SOCKETS WITH SOLDER PIN TAILS, SEE DATA SHEETS 12013
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS
FEATURES
• RowsofSocketStripsmaybeMountedonAnyCentersandareEnd-to-endorSide-to-sideStack-
ablefor0.100[2.54]GridorMatrixPatterns
• AvailablewithSolderPinTailsorWireWrapPins
• SocketStripscanbeCuttotheDesiredNumberofPositionswith“break”Feature
GENERAL SPECIFICATIONS
•
BODY MATERIAL:RedUL94-HBGlass-filledNylon–ConsultfactoryforUL94V-0material
•
PIN BODY:Brass3601/2-hardperUNSC36000ASTMB16-85
•
PIN BODY PLATING:10µ[0.25µ]min.AuperMIL-G-45204–OR– 200µ[5.08µ]min.
93/7Sn/PbperMIL-P-81728over100µ[2.54µ]min.NiperQQ-N-290
•
4-FINGER COLLET CONTACT:BeCuperUNSC17200ASTMB194-92
•
CONTACT PLATING:30µ[0.76µ]min.AuperMIL-G-45204over50µmin.[1.27µ]Niper
QQ-N-290
•
CONTACT CURRENT RATING:3amps
•
OPERATING TEMPERATURE:221°F[105°C]Snplating;257°F[125°C]Auplating
•
INSERTION FORCE:180g/pin,basedon0.018[0.46]dia.testlead
•
WITHDRAWAL FORCE:90g/pin,basedon0.018[0.46]dia.testlead
•
NORMAL FORCE:140g/pin,basedon0.018[0.46]dia.testlead
•
ACCEPTS LEADS:0.015-0.025[0.38-0.64]dia.,0.110-0.162[2.79-4.11]long
MOUNTING CONSIDERATIONS
•
SUGGESTED PCB HOLE SIZE:0.045±0.002[1.14±0.05]dia.
Series 0503 Pin-Line™ Socket
w/Collet Contacts & Wire Wrap Pins
ORDERING INFORMATION
XX 0503-X X
Plating
0=AuCollet,SnShell
0TL=AuCollet,Sn/PbShell
1=AuCollet&Shell
Termination
2=2-levelWireWrapPins
3=3-levelWireWrapPins
Series
No. of Pins
1 to 25
Wire Wrap Levels
Dim. “L”
2-level
0.360[9.14]
3-level
0.500[12.70]


Similar Part No. - 0503

ManufacturerPart #DatasheetDescription
logo
Wera Tools
05030080001 WERA-05030080001 Datasheet
436Kb / 3P
1572 ESD Kraftform Micro screwdriver for Microstix screws, m x 40 mm
05030081001 WERA-05030081001 Datasheet
436Kb / 3P
1572 ESD Kraftform Micro screwdriver for Microstix screws, m x 40 mm
05030082001 WERA-05030082001 Datasheet
436Kb / 3P
1572 ESD Kraftform Micro screwdriver for Microstix screws, m x 40 mm
05030083001 WERA-05030083001 Datasheet
436Kb / 3P
1572 ESD Kraftform Micro screwdriver for Microstix screws, m x 40 mm
05030084001 WERA-05030084001 Datasheet
436Kb / 3P
1572 ESD Kraftform Micro screwdriver for Microstix screws, m x 40 mm
More results

Similar Description - 0503

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
126-93-210-41-001 PREDIP-126-93-210-41-001 Datasheet
35Kb / 1P
Dual-in-line sockets Open frame Wire-wrap posts with solder tails
516-93-108-12-051-003 PREDIP-516-93-108-12-051-003 Datasheet
62Kb / 1P
Pin grid array sockets / interconnect receptacle and pin / solder tail Receptacle with wire-wrap posts
logo
Aries Electronics, Inc.
08-0503-31 ARIES-08-0503-31 Datasheet
189Kb / 2P
Series 0503 Pin-Line Collet Sockets with Wire Wrap Pins
logo
CUI INC
HSS-B20-04 CUI-HSS-B20-04 Datasheet
293Kb / 3P
available with and without solder pins
logo
Aries Electronics, Inc.
501 ARIES-501 Datasheet
610Kb / 1P
Bifurcated Contacts in Standard DIP Sockets with Solder Tails or Wire Wrap Pins
503 ARIES-503 Datasheet
658Kb / 1P
Available with Solder Tail or Wire Wrap Pins
511 ARIES-511 Datasheet
526Kb / 1P
Bifurcated Contacts with Solder Tail or Wire Wrap Pins
0513 ARIES-0513 Datasheet
543Kb / 1P
Available with Solder Pin Tails or Wire Wrap Pins
513 ARIES-513 Datasheet
651Kb / 1P
Available with Solder Pin Tails
logo
Keystone Electronics Co...
5070 KEYSTONE-5070 Datasheet
269Kb / 1P
WIRE WRAP PIN
2.27.06
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com