Electronic Components Datasheet Search
  English  ▼

X  

503 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 503
Description  Available with Solder Tail or Wire Wrap Pins
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

503 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  503 Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2609 Bartram Road • Bristol, PA 19007-6810 USA
TEL 215-781-9956 • FAX 215-781-9845
WWW.ARIESELEC.COM • INFO@ARIESELEC.COM
12012
Rev. 7.2
1 of 1
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
FOR COLLET SOCKETS WITH SOLDER PIN TAILS, SEE DATA SHEETS 12011
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS
CUSTOMIZATION: ARIES SPECIALIZES IN CUSTOM DESIGN AND PRODUCTION.
SPECIAL MATERIALS, PLATINGS, SIZES, AND CONFIGURATIONS CAN BE
FURNISHED, DEPENDING ON QUANTITY.
ARIES RESERVES THE RIGHT TO CHANGE PRODUCT GENERAL SPECIFICATIONS
WITHOUT NOTICE
PRINTOUTS OF THIS DOCUMENT MAY BE OUT-OF-DATE AND SHOULD BE
CONSIDERED UNCONTROLLED
FEATURES
• Available with Solder Tail or Wire Wrap Pins
• Choose from Several Sizes and Plating Options
GENERAL SPECIFICATIONS
•
BODY MATERIAL: Black UL 94V-0 glass-filled 4/6 Nylon
•
PIN BODY: Brass 360 1/2-hard per UNS C36000 ASTM B16/B16M-05
•
PIN BODY PLATING: 10µ [0.25µ] min. Au per MIL-G-45204 –OR– 200µ [5.08µ] min. 93/7 Sn/Pb
per ASTM B545 or 200µ [5.08µ] min. Sn per ASTM B545 Type 1 over 100µ [2.54µ] min. Ni per
SAE AMS-QQ-N-290B
•
4-FINGER COLLET CONTACT: BeCu per UNS C17200 ASTM B194-08
•
CONTACT PLATING: 30µ [0.76µ] Au per MIL-G-45204 over 50µ [1.27µ] min. Ni per SAE AMS-
QQ-N-290B
•
CONTACT CURRENT RATING: 3 amps
•
INSERTION FORCE: 180g/pin, based on 0.018 [0.46] dia. test lead
•
WITHDRAWAL FORCE: 90g/pin, based on 0.018 [0.46] dia. test lead
•
NORMAL FORCE: 140g/pin, based on 0.018 [0.46] dia. test lead
•
OPERATING TEMPERATURE: -67°F to 221°F [-55°C to 105°C] Sn; -67°F to 257°F
[-55°C to 125°C] Au
•
ACCEPTS LEADS: 0.015-0.025 [0.38-0.64] dia., 0.110-0.162 [2.79-4.11] long
MOUNTING CONSIDERATIONS
•
SUGGESTED PCB HOLE SIZE: 0.045 ±0.002 [1.14 ±0.05] dia.
Series 503 Lo-PRO®file Socket
w/Collet Contacts & Wire Wrap Pins
Centers “Y”
Dim. “Z”
Body Style
Available Sizes
0.200 [5.08]
0.300 [7.62]
A
2 thru 10
0.300 [7.62]
0.400 [10.16]
C, B
2 thru 20, 22 thru 40
0.400 [10.16]
0.500 [12.70]
C
2 thru 22
0.600 [15.24]
0.700 [17.78]
C, B
2 thru 40, 42 thru 48
0.900 [22.86]
1.000 [25.40]
B
2 thru 64
ORDERING INFORMATION
XX-X 503-XX XX
Plating
0 = Au Collet/Sn Shell
0TL = Au Collet/Sn/Pb Shell
1 = Au Collet/Au Shell
Termination
2 = 2-level Wire Wrap
3 = 3-level Wire Wrap
Series
Row-to-Row Spacing (Dim. “Y”)
2 = 0.200 [5.08]
3 = 0.300 [7.62]
4 = 0.400 [10.16]
6 = 0.600 [15.24]
9 = 0.900 [22.86]
No. of Pins
(See Table)


Similar Part No. - 503

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
503 L-COM-503 Datasheet
383Kb / 1P
Small compact size clamp-meter that fits comfortably in a tool bag
503 L-COM-503 Datasheet
478Kb / 1P
Full ranges and compliance to international safety and quality standards ensure a professional and reliable tool
logo
France Joint
503 FRANCEJOINT-503 Datasheet
846Kb / 5P
PISTON SEALS
logo
Keystone Electronics Co...
503 KEYSTONE-503 Datasheet
174Kb / 1P
THM BATTERY HOLDERS
31-07 20th
logo
MG Chemicals
503 MG-CHEMICALS-503 Datasheet
266Kb / 4P
Copper Clad Boards 500 Series Technical Data Sheet
16 March 2017 / Ver. 2.01
More results

Similar Description - 503

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
423-91-216-41-001 PREDIP-423-91-216-41-001 Datasheet
63Kb / 1P
PCB connectors 2.54 mm Single row / double row / wire-wrap 1/2/3/4 level / wire-wrap solder tail
460-10-216-00-001 PREDIP-460-10-216-00-001 Datasheet
70Kb / 1P
PCB Header Strips Single row / double row Wire-wrap / solder tail
logo
Aries Electronics, Inc.
08-0503-31 ARIES-08-0503-31 Datasheet
189Kb / 2P
Series 0503 Pin-Line Collet Sockets with Wire Wrap Pins
logo
Adam Technologies, Inc.
DXXX-ST-2-JS ADAM-TECH-DXXX-ST-2-JS Datasheet
122Kb / 1P
D-SUB SOCKET WIRE WRAP TAIL
DXXX-ST-2-SL ADAM-TECH-DXXX-ST-2-SL Datasheet
141Kb / 1P
D-SUB SOCKET WIRE WRAP TAIL
logo
CUI INC
HSS-B20-04 CUI-HSS-B20-04 Datasheet
293Kb / 3P
available with and without solder pins
logo
Aries Electronics, Inc.
501 ARIES-501 Datasheet
610Kb / 1P
Bifurcated Contacts in Standard DIP Sockets with Solder Tails or Wire Wrap Pins
0503 ARIES-0503 Datasheet
554Kb / 1P
Available with Solder Pin Tails or Wire Wrap Pins
511 ARIES-511 Datasheet
526Kb / 1P
Bifurcated Contacts with Solder Tail or Wire Wrap Pins
0513 ARIES-0513 Datasheet
543Kb / 1P
Available with Solder Pin Tails or Wire Wrap Pins
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com