Electronic Components Datasheet Search
  English  ▼

X  

508 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 508
Description  Compatible with Automatic Insertion Equipment
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

508 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  508 Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2609 Bartram Road • Bristol, PA 19007-6810 USA
TEL 215-781-9956 • FAX 215-781-9845
WWW.ARIESELEC.COM • INFO@ARIESELEC.COM
12017
Rev. 1.2
1 of 1
CUSTOMIZATION: ARIES SPECIALIZES IN CUSTOM DESIGN AND PRODUCTION.
SPECIAL MATERIALS, PLATINGS, SIZES, AND CONFIGURATIONS CAN BE
FURNISHED, DEPENDING ON QUANTITY.
ARIES RESERVES THE RIGHT TO CHANGE PRODUCT GENERAL SPECIFICATIONS
WITHOUT NOTICE
PRINTOUTS OF THIS DOCUMENT MAY BE OUT-OF-DATE AND SHOULD BE
CONSIDERED UNCONTROLLED
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
OPEN FRAME COLLET SOCKET w/WIRE WRAP PINS, SEE DATA SHEET 12016
OPEN FRAME SURFACE MOUNT SOCKET, SEE DATA SHEET 12018
OPEN FRAME COLLET CAPACITOR SOCKET w/SOLDER PIN, SEE DATA SHEET 12026
OPEN FRAME COLLET CAPACITOR SOCKET w/WIRE WRAP, SEE DATA SHEET 12027
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS
Series 508 Open Frame Socket
w/Collet Contacts & Wire Wrap Pins
FEATURES
• OpenFrameallowsEfficientUtilizationofBoardSpacewithOptimizedCooling
• Available2-and3-levelWireWrapPins
• CompatiblewithAutomaticInsertionEquipment
• Side-to-sideandEnd-to-endStackable
GENERAL SPECIFICATIONS
•
BODY MATERIAL:BlackUL94V-0Glass-filled4/6Nylon
•
PIN BODY:Brass3601/2-hardperUNSC36000ASTMB16/B16M-05
•
PIN BODY PLATING:10µ[0.25µ]min.AuperMIL-G-45204or200µ[5.08µ]min.93/7Sn/Pbper
ASTM B545
–OR– 200µ[5.08µ]min.SnperASTMB545Type1over100µ[2.54µ]min.Niper
SAE AMS-QQ-N-290B
•
4-FINGER COLLET CONTACT:BeCuperUNSC17200ASTMB194-08
•
CONTACT PLATING:30µ[0.76µ]min.AuperMIL-G-45204over50µ[1.27µ]min.Ni
perSAEAMS-QQ-N-290B
•
CONTACT CURRENT RATING:3amps
•
OPERATING TEMPERATURE:-67°Fto221°F[-55°Cto105°C]forSn;-67°Fto
257°F[-55°Cto125°C]forAu
•
INSERTION FORCE:180g/pin,basedon0.018[0.46]dia.testlead
•
WITHDRAWAL FORCE:90g/pin,basedon0.018[0.46]dia.testlead
•
NORMAL FORCE:140g/pin,basedon0.018[0.46]dia.testlead
•
ACCEPTS LEADS:0.015-0.025[0.38-0.64]dia.,0.110-0.160[2.79-4.06]long
MOUNTING CONSIDERATIONS
•
SUGGESTED PCB HOLE SIZE: 0.045 ±0.002 [1.14 ±0.05] dia.
Frame Style
No. of Ribs
Centers “Y”
Dim. “Z”
No. of Pins
A
1
0.300[7.62]
0.400 [10.16]
6
0.300[7.62]
0.400 [10.16]
8, 14, 16, 18, 20, 24
B
2
0.400 [10.16]
0.500 [12.70]
20, 22
C
3
0.300[7.62]
0.400 [10.16]
28
0.400 [10.16]
0.500 [12.70]
24
0.600 [15.24]
0.700 [17.78]
24,28,32,40,48
D
4, 5
0.900 [22.86]
1.000 [25.40]
50, 64
ORDERING INFORMATION
XX-X 508 X XXX
Plating
0= AuCollet,SnShell
0TL= AuCollet,Sn/PbShell
1= AuCollet&Shell
Termination
2= 2-levelWireWrap
3= 3-levelWireWrap
Series
Row-to-Row Spacing, “Y” Dim.
3= 0.300[7.62]
4 = 0.400 [10.16]
6 = 0.600 [15.24]
9 = 0.900 [22.86]
No. of Pins
(SeeTable)


Similar Part No. - 508

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
508 MARL-508 Datasheet
433Kb / 5P
횠8.1mm mounting Robust bright nickel plated brass housing
logo
Littelfuse
508 LITTELFUSE-508 Datasheet
584Kb / 3P
Lead-Free 3AB Fuse
logo
France Joint
508 FRANCEJOINT-508 Datasheet
728Kb / 4P
PISTON SEALS
logo
Premier Farnell Limited...
508-366A-T DURATOOL-508-366A-T Datasheet
110Kb / 1P
Spare Tip
01/04/13 V1.0
508-366D-T DURATOOL-508-366D-T Datasheet
110Kb / 1P
Spare Tip
01/04/13 V1.0
More results

Similar Description - 508

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSBFB1M00J58-R0 MURATA-CSBFB1M00J58-R0 Datasheet
182Kb / 3P
compatible with automatic placement equipment
CSBFB1M00J58-R1 MURATA-CSBFB1M00J58-R1 Datasheet
182Kb / 3P
compatible with automatic placement equipment
CSBFB1M02J58-R1 MURATA-CSBFB1M02J58-R1 Datasheet
183Kb / 3P
compatible with automatic placement equipment
CSBFB1M22J58-R1 MURATA-CSBFB1M22J58-R1 Datasheet
182Kb / 3P
compatible with automatic placement equipment
CSBFB455KJ58-B0 MURATA-CSBFB455KJ58-B0 Datasheet
182Kb / 3P
compatible with automatic placement equipment
logo
Everlight Electronics C...
EAPL2121RGBA0 EVERLIGHT-EAPL2121RGBA0 Datasheet
338Kb / 12P
Compatible with automatic placement equipment
EAST10102RGBA0 EVERLIGHT-EAST10102RGBA0 Datasheet
433Kb / 13P
Compatible with automatic placement equipment.
EAST1616RGYA1 EVERLIGHT-EAST1616RGYA1 Datasheet
462Kb / 11P
Compatible with automatic placement equipment.
EAST1616RGBB2 EVERLIGHT-EAST1616RGBB2 Datasheet
383Kb / 12P
Compatible with automatic placement equipment.
EAST1616RGBA0 EVERLIGHT-EAST1616RGBA0 Datasheet
245Kb / 13P
Compatible with automatic placement equipment.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com