Electronic Components Datasheet Search
  English  ▼

X  

0513 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 0513
Description  Available with Solder Pin Tails or Wire Wrap Pins
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

0513 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  0513 Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2609 Bartram Road • Bristol, PA 19007-6810 USA
TEL 215-781-9956 • FAX 215-781-9845
WWW.ARIESELEC.COM • INFO@ARIESELEC.COM
12013
Rev. 5.1
1 of 1
CUSTOMIZATION: ARIES SPECIALIZES IN CUSTOM DESIGN AND PRODUCTION.
SPECIAL MATERIALS, PLATINGS, SIZES, AND CONFIGURATIONS CAN BE
FURNISHED, DEPENDING ON QUANTITY.
ARIES RESERVES THE RIGHT TO CHANGE PRODUCT GENERAL SPECIFICATIONS
WITHOUT NOTICE
PRINTOUTS OF THIS DOCUMENT MAY BE OUT-OF-DATE AND SHOULD BE
CONSIDERED UNCONTROLLED
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
FOR SOCKETS WITH WIRE WRAP PINS, SEE DATA SHEETS 12014
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS
FEATURES
• RowsofSocketStripsmaybeMountedonAnyCentersandareEnd-to-endorSide-to-sideStack-
ablefor0.100[2.54]GridorMatrixPatterns
• AvailablewithSolderPinTailsorWireWrapPins
• SocketStripscanbeCuttotheDesiredNumberofPositionswith“break”Feature
GENERAL SPECIFICATIONS
•
BODY MATERIAL:BlackUL94V-0Glass-filled4/6Nylon
•
PIN BODY:Brass3601/2-hardperUNSC36000ASTMB16/B16M-05
•
PIN BODY PLATING:10µ[0.25µ]min.AuperMIL-G-45204–OR–200µ[5.08µ]
min.93/7Sn/PbperASTMB545
–OR–200µ[5.08µ]min.SnperASTMB545
Type1over100µ[2.54µ]min.NiperSAEAMS-QQ-N-290B
•
4-FINGER COLLET CONTACT:BeCuperUNSC17200ASTMB194-08
•
CONTACT PLATING:200µ[5.08µ]min.93/7Sn/PbperASTMB545–OR– 200µ
[5.08µ]min.SnperASTMB545Type1
–OR–10µ[0.25µ]AuperMIL-G-45204
over50µ[1.27µ]min.[1.27µ]NiperSAEAMS-QQ-N-290heavy30µ[0.76µ]
•
CONTACT CURRENT RATING:3amps
•
INSERTION FORCE:180g/pin,basedon0.018[0.46]dia.testlead
•
WITHDRAWAL FORCE:90g/pin,basedon0.018[0.46]dia.testlead
•
NORMAL FORCE:140g/pin,basedon0.018[0.46]dia.testlead
•
OPERATING TEMPERATURE:221°F[105°C]forSnandSn/Pb;257°F[125°C]for
Auplating
•
ACCEPTS LEADS:0.015-0.025[0.38-0.64]dia.,0.100-0.146[2.54-3.71]long
MOUNTING CONSIDERATIONS
•
SUGGESTED PCB HOLE SIZE:0.030±0.002[0.76±0.05]dia.
Series 0513 Pin-Line™ Socket Strips
w/Collet Contacts & Solder Pin Tails
ORDERING INFORMATION
XX 0513-X XX XX
Additional Plating
H=heavyAuonCollet
T=SnCollet/SnShell
TL=Sn/PbCollet,Sn/PbShell
Plating
0=AuCollet/SnShell
0TL=AuCollet/Sn/PbShell
1=AuCollet/AuShell
Termination
1=SolderPinTail
Series
2=0.200[5.08]
3=0.300[7.62]
4=0.400[10.16]
6=0.600[15.24]
9=0.900[22.86]
No. of Pins
(1thru25)


Similar Part No. - 0513

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
0513 ARIES-0513 Datasheet
150Kb / 1P
Series 0513 Pin-Line Collet Sockets with Solder Tail Pins
REV.D
logo
TE Connectivity Ltd
0513-002-0006 TEC-0513-002-0006 Datasheet
5Mb / 164P
CONNECTOR SELECTOR
0513-009-2406 TEC-0513-009-2406 Datasheet
5Mb / 164P
CONNECTOR SELECTOR
0513-010-4006 TEC-0513-010-4006 Datasheet
5Mb / 164P
CONNECTOR SELECTOR
0513-011-7006 TEC-0513-011-7006 Datasheet
5Mb / 164P
CONNECTOR SELECTOR
More results

Similar Description - 0513

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
126-93-210-41-001 PREDIP-126-93-210-41-001 Datasheet
35Kb / 1P
Dual-in-line sockets Open frame Wire-wrap posts with solder tails
516-93-108-12-051-003 PREDIP-516-93-108-12-051-003 Datasheet
62Kb / 1P
Pin grid array sockets / interconnect receptacle and pin / solder tail Receptacle with wire-wrap posts
logo
Aries Electronics, Inc.
08-0503-31 ARIES-08-0503-31 Datasheet
189Kb / 2P
Series 0503 Pin-Line Collet Sockets with Wire Wrap Pins
logo
CUI INC
HSS-B20-04 CUI-HSS-B20-04 Datasheet
293Kb / 3P
available with and without solder pins
logo
Aries Electronics, Inc.
501 ARIES-501 Datasheet
610Kb / 1P
Bifurcated Contacts in Standard DIP Sockets with Solder Tails or Wire Wrap Pins
0503 ARIES-0503 Datasheet
554Kb / 1P
Available with Solder Pin Tails or Wire Wrap Pins
503 ARIES-503 Datasheet
658Kb / 1P
Available with Solder Tail or Wire Wrap Pins
511 ARIES-511 Datasheet
526Kb / 1P
Bifurcated Contacts with Solder Tail or Wire Wrap Pins
513 ARIES-513 Datasheet
651Kb / 1P
Available with Solder Pin Tails
logo
Keystone Electronics Co...
5070 KEYSTONE-5070 Datasheet
269Kb / 1P
WIRE WRAP PIN
2.27.06
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com