Electronic Components Datasheet Search
  English  ▼

X  

XLL535 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # XLL535
Description  IDT XO LVPECL Crystal Oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

XLL535 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button XLL535 Datasheet HTML 2Page - Integrated Device Technology XLL535 Datasheet HTML 3Page - Integrated Device Technology XLL535 Datasheet HTML 4Page - Integrated Device Technology XLL535 Datasheet HTML 5Page - Integrated Device Technology XLL535 Datasheet HTML 6Page - Integrated Device Technology XLL535 Datasheet HTML 7Page - Integrated Device Technology XLL535 Datasheet HTML 8Page - Integrated Device Technology XLL535 Datasheet HTML 9Page - Integrated Device Technology XLL535 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
IDT XO LVPECL CRYSTAL OSCILLATOR
6
JUNE 20, 2017
XUQ DATASHEET
Output Waveform
Typical Phase Noise
Oscillator Symmetry
Rise Time/Fall Time Measurements
OUTPUT 2
OUTPUT 1
OUTPUT 2
OUTPUT 1
50% VPP
VOH
VOL
VOH
VOL
½ Period
Period
TR
TF
20% to 80% VPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com