Electronic Components Datasheet Search
  English  ▼

X  

PA51 Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA51
Description  POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA51 Datasheet(HTML) 1 Page - Cirrus Logic

  PA51 Datasheet HTML 1Page - Cirrus Logic PA51 Datasheet HTML 2Page - Cirrus Logic PA51 Datasheet HTML 3Page - Cirrus Logic PA51 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
FEATURES
• WIDE SUPPLY RANGE — ±10 to ±40V
• HIGH OUTPUT CURRENT — ±10A Peak
• CLASS “C” OUTPUT — Low Cost
• LOW QUIESCENT CURRENT — 2.6mA
APPLICATIONS
• DC SERVO AMPLIFIER
• MOTOR/SYNCHRO DRIVER
• VALVE AND ACTUATOR CONTROL
• DC OR AC POWER REGULATOR
DESCRIPTION
The PA51 and PA51A are high voltage, high output current
operational amplifiers designed to drive resistive, inductive
and capacitive loads. Their complementary common emitter
output stage is the simple class C type optimized for low fre-
quency applications where crossover distortion is not critical.
These amplifiers are not recommended for audio, transducer
or deflection coil drive circuits. The safe operating area (SOA)
is fully specified and can be observed for all operating con-
ditions by selection of user programmable current limiting
resistors. Both amplifiers are internally compensated for all
gain settings. For continuous operation under load, mounting
on a heatsink of proper rating is recommended. Do not use
isolation washers!
This hybrid integrated circuit utilizes thick film conductors,
ceramic capacitors and semiconductor chips to maximize reli-
ability, minimize size and give top performance. Ultrasonically
bonded aluminum wires provide reliable interconnections at
all operating temperatures. The 8-pin TO-3 package is electri-
cally isolated and hermetically sealed. The use of compress-
ible thermal washers and/or improper mounting torque will
void the product warranty. Please see “General Operating
Considerations”.
EQUIVALENT SCHEMATIC
TYPICAL APPLICATION
The linear relationship of torque output to current input of
the modern torque motor makes this simple control circuit
ideal for many material processing and testing applications.
The sense resistor develops a feedback voltage proportional
to motor current and the small signal properties of the Power
Op Amp insure accuracy. With this closed loop operation,
temperature induced impedance variations of the motor wind-
ing are automatically compensated.
EXTERNAL CONNECTIONS
���
�
����
����
��
��
����
��
�����
����������������������������������
���������������������������
���
�
��
��
���
�
��
����
�����
���
�
����
���
����
���
���
����
����
���
���
�
�
��������
����
����
������
�
�
�
�
�
�
�
�
��
�
�
�
�
�
�
�
��
��
���
���
��
���
���
��������������������������������������������������������������
� � � � � � � � � � � � � � �
����������������������������
������������
8-PIN TO-3
PACKAGE STYLE CE


Similar Part No. - PA51

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA51 CIRRUS-PA51 Datasheet
336Kb / 5P
POWER OPERATIONAL AMPLIFIERS
PA51 CIRRUS-PA51 Datasheet
200Kb / 5P
Power Operational Amplifier
logo
List of Unclassifed Man...
PA51-44 ETC2-PA51-44 Datasheet
36Kb / 1P
44 pin PLCC socket/40 pin DIP 0.6??plug
PA51-44Z ETC2-PA51-44Z Datasheet
36Kb / 1P
44 pin PLCC socket/40 pin DIP 0.6??plug
logo
Pulse A Technitrol Comp...
PA5100.001NL PULSE-PA5100.001NL Datasheet
623Kb / 4P
High Frequency Wire Wound Transformers
More results

Similar Description - PA51

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM759 NSC-LM759 Datasheet
207Kb / 14P
Power Operational Amplifiers
logo
Cirrus Logic
PA02 APEX-PA02 Datasheet
262Kb / 4P
POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA34 ETC-PA34 Datasheet
66Kb / 5P
POWER OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
UA759 FAIRCHILD-UA759 Datasheet
489Kb / 12P
POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA79 APEX-PA79 Datasheet
310Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA84 CIRRUS-PA84 Datasheet
210Kb / 5P
Power Operational Amplifiers
PA16 CIRRUS-PA16_09 Datasheet
349Kb / 7P
Power Operational Amplifiers
PA97DR_0912 CIRRUS-PA97DR_0912 Datasheet
582Kb / 6P
Power Operational Amplifiers
PA107DP CIRRUS-PA107DP_10 Datasheet
892Kb / 7P
Power Operational Amplifiers
PA162 APEX-PA162_10 Datasheet
789Kb / 6P
Power Operational Amplifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com