Electronic Components Datasheet Search
  English  ▼

X  

516 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 516
Description  Contacts are normally open and are closed by a unique cam action controlled by dual lever arms.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

516 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  516 Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bristol, PA 19007-6810 USA
TEL (215) 781-9956 • FAX (215) 781-9845
PRINTOUTS OF THIS DOCUMENT MAY BE OUT OF DATE AND SHOULD BE CONSIDERED UNCONTROLLED
• INFO@ARIESELEC.COM
WWW.ARIESELEC.COM
FEATURES
• A choice of 24-, 28-, or 40-pin count devices can be inserted without bending or
otherwise damaging the legs, since no force is required to either insert or remove
the component from the socket.
• Contacts are normally open and are closed by a unique cam action controlled by
dual lever arms.
• The last 15° of movement of the cam provides a wiping action to the contacts on
the legs of the device to remove any residue, ensuring a gas-tight seal.
• Tapered entry helps guide the device legs into the mating position with the contacts.
SPECIFICATIONS
• Body, Handle, and Cam: Black UL 94V-0 Glass-filled 4/6 Nylon
• Pins are Be-Cu 170 or 172, 1/2-hard
• Pin Plating: -11 = 10μ" [0.25μm] min. Gold per MIL-G-45204 over 50μ" [1.27μm]
min. Nickel per SAE-AMS-QQ-N-290
• Contact Current Rating = 1 Amp
• Operating Temperature: 257°F [125°C]
• Minimum Retention Force (when closed) = 15 grams/lead,
based on a 0.008 [0.20] thick test lead
• Accepts most lead widths with lengths from 0.075 to 0.250 [1.91 to 6.35]
MOUNTING CONSIDERATIONS
• Suggested PCB Hole Size = 0.035 ±0.002 [0.89 ±0.05] diameter
10017
Rev. E
Series 516 Zero-Insertion-Force Socket
NOTE: Aries specializes in custom design and production.
In addition to the standard products shown on this page,
special materials, platings, sizes, and configurations can
be furnished, depending on quantities. Aries reserves the
right to change product specifications without notice.
Series 526 Lo-PRO®file ZIF Socket
also available Consult Data Sheet 10018
ALL DIMENSIONS: INCHES [MILLIMETERS]
Standard Lever Arm
Short Lever Arm
Midget Lever Arm
No. of Pins
Dim. “C”
Dim. “D”
Dim. “E”
Dim. “D”
Dim. “E”
Dim. “D”
Dim. “E”
24
0.785 [19.94]
0.76 [19.30]
0.630 [16.00]
0.60 [15.24]
0.520 [13.21]
0.41 [10.41]
0.42 [10.67]
28
0.785 [19.94]
0.76 [19.30]
0.630 [16.00]
0.60 [15.24]
0.520 [13.21]
0.41 [10.41]
0.42 [10.67]
40
0.780 [19.81]
0.76 [19.30]
0.630 [16.00]
0.60 [15.24]
0.520 [13.21]
0.41 [10.41]
0.42 [10.67]
ORDERING INFORMATION
XX-516-11X
Optional Suffix
S = Short Lever Arm
M = Midget Lever Arm
Plating
11 = Gold over Nickel
Pins
24, 28, 40
Series


Similar Part No. - 516

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
516 ETC2-516 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
3M Electronics
516 3M-516 Datasheet
30Kb / 2P
Repulpable Barricade Tapes 500 Series
Feb-2009
logo
MG Chemicals
516 MG-CHEMICALS-516 Datasheet
266Kb / 4P
Copper Clad Boards 500 Series Technical Data Sheet
16 March 2017 / Ver. 2.01
logo
HellermannTyton.
516-01795 HELLERMANNTYTON-516-01795 Datasheet
250Kb / 3P
Wire and Cable Markers
January 2014
logo
EDAC, All Rights Reserv...
516-020-000-100 EDAC-516-020-000-100 Datasheet
364Kb / 3P
516 Series Rack and Panel Connectors | Available in 20, 38, 56, 90, and 120 positions
More results

Similar Description - 516

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HHR120AA PANASONIC-HHR120AA Datasheet
24Kb / 1P
Battery performance and cycle life are strongly affected by how they are used.
logo
IXYS Corporation
LBA710 IXYS-LBA710 Datasheet
146Kb / 9P
Dual Single-Pole OptoMOS Relay Normally Open & Normally Closed
LBA716 IXYS-LBA716_12 Datasheet
136Kb / 8P
Dual Single-Pole OptoMOS Relays Normally Open & Normally Closed
logo
STMicroelectronics
AN4213 STMICROELECTRONICS-AN4213 Datasheet
5Mb / 42P
Fluorescent lamps are increasingly driven by electronic
12-May-2014
logo
Murata Manufacturing Co...
SFECF10M7DA0001-R0 MURATA-SFECF10M7DA0001-R0 Datasheet
211Kb / 3P
The filters are mountable by automatic placers
SFECF10M7DF00-R0 MURATA-SFECF10M7DF00-R0 Datasheet
211Kb / 3P
The filters are mountable by automatic placers
SFECF10M7DF00S0-R0 MURATA-SFECF10M7DF00S0-R0 Datasheet
211Kb / 3P
The filters are mountable by automatic placers
SFECF10M7EA00S0-R0 MURATA-SFECF10M7EA00S0-R0 Datasheet
210Kb / 3P
The filters are mountable by automatic placers
logo
Unisonic Technologies
UB227G-XX-AG6-R UTC-UB227G-XX-AG6-R Datasheet
229Kb / 10P
Delay Times are Generated by an Internal Circuit
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_97 Datasheet
748Kb / 43P
All Functions and Channel Selections are Controlled by Serial Bus
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com