Electronic Components Datasheet Search
  English  ▼

X  

526 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 526
Description  Test Point Openings Reach All Pins
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

526 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  526 Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2609 Bartram Road • Bristol, PA 19007-6810 USA
TEL 215-781-9956 • FAX 215-781-9845
WWW.ARIESELEC.COM • INFO@ARIESELEC.COM
10018
Rev. 2.2
1 of 1
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
FOR SERIES 516 STANDARD ZIF SOCKET, SEE DATA SHEET 10017
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS
CUSTOMIZATION: ARIES SPECIALIZES IN CUSTOM DESIGN AND PRODUCTION.
SPECIAL MATERIALS, PLATINGS, SIZES, AND CONFIGURATIONS CAN BE
FURNISHED, DEPENDING ON QUANTITY.
ARIES RESERVES THE RIGHT TO CHANGE PRODUCT GENERAL SPECIFICATIONS
WITHOUT NOTICE
PRINTOUTS OF THIS DOCUMENT MAY BE OUT-OF-DATE AND SHOULD BE
CONSIDERED UNCONTROLLED
FEATURES
• Choiceof24-,28-,or40-pinCountDevicesInsertedwithoutBendingorDamagingDeviceLegs
• InsertandRemoveComponentsfromSocketwithoutForce
• MetalCamprovidesStrong,SmoothActionasitmovestoaPositiveStop,Compressingthe
Double-sidedContacts,EnsuringGas-tightSeal
• TestPointOpeningsReachAllPins
GENERAL SPECIFICATIONS
•
PLASTIC BODY:BlackUL94V-0Glass-filled4/6Nylon
•
CONTACTS:Spring-temperedBeCu172
•
CONTACT PLATING:200µ[5.08µ]min.matteSnperASTMB545-97(2004)over50µ[1.27µ]min.Ni
perSAEAMS-QQ-N-290
–OR– 200µ[5.08µ]min.90/10Sn/PbperMIL-T-10727over50µ[1.27µ]min.
NiperSAEAMS-QQ-N-290
–OR– 10µ[0.25µ]min.AuperMIL-G-45204over50µ[1.27µ]min.Niper
SAEAMS-QQ-N-290–consultfactoryforavailability
•
CAM:lightweight,strong,andrigidcastZn
•
OPERATING TEMPERATURE:-67°Fto221°F[-55°Cto105°C]forSn&Sn/Pbplating;-67°Fto257°F
[-55°Cto125°C]forAuplating
•
CONTACT CURRENT RATING:2amps
•
CONTACT RESISTANCE: 10 MΩ max.
•
BREAKDOWN VOLTAGE:1000VACmin.
•
AVERAGE RETENTION FORCE (when closed):110g/Pb,basedon0.010[0.25]dia.testlead
•
ACCEPTS LEADS:0.008-0.014[0.20-0.36]thickleads,0.075-0.200[1.91-5.08]long
MOUNTING CONSIDERATIONS
•
SUGGESTED PCB HOLE SIZE: 0.035 ±0.002 [0.89 ±0.05] dia.
Series 526 Lo-PRO®file
Zero-Insertion-Force Socket
No. of Positions
Dim. “A”
Dim. “B”
24
1.450 [36.83]
1.100 [27.94]
28
1.650 [41.90]
1.300 [33.02]
40
2.250 [57.15]
1.900 [48.26]
ORDERING INFORMATION
XX-526-1 XXX
Plating
0=Sn
0TL=Sn/Pb
1=Au
Solder Tail Only
Series
Pins–(SeeTable)


Similar Part No. - 526

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
526 ETC2-526 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
HellermannTyton.
526-01014 HELLERMANNTYTON-526-01014 Datasheet
1Mb / 41P
Wire and Cable Markers
526-01514 HELLERMANNTYTON-526-01514 Datasheet
1Mb / 41P
Wire and Cable Markers
526-01714 HELLERMANNTYTON-526-01714 Datasheet
1Mb / 41P
Wire and Cable Markers
526-02014 HELLERMANNTYTON-526-02014 Datasheet
1Mb / 41P
Wire and Cable Markers
More results

Similar Description - 526

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RCUCTE KOA-RCUCTE Datasheet
91Kb / 1P
test point chip
logo
Pomona Electronics
6490 POMONA-6490 Datasheet
115Kb / 2P
20mm Tip Reach, SMD Grabber Test Clip
logo
Agilent(Hewlett-Packard...
W2641A HP-W2641A Datasheet
666Kb / 8P
DisplayPort Test Point Access Adapter
logo
KOA Speer Electronics, ...
RCUCTE KOA-RCUCTE Datasheet
199Kb / 1P
test point chip
logo
Emcore Corporation
3998-L01 EMCORE-3998-L01 Datasheet
627Kb / 7P
Front Panel RF Test Point
logo
Maxim Integrated Produc...
MAX31889EVSYS MAXIM-MAX31889EVSYS Datasheet
1Mb / 12P
Easy to Reach Test Points
319-100468; Rev 2; 11/20
logo
Keystone Electronics Co...
5278 KEYSTONE-5278 Datasheet
86Kb / 1P
PC TEST POINT - COMPACT
11.06.19
logo
Wurth Elektronik GmbH &...
60900213521 WURTH-60900213521 Datasheet
405Kb / 5P
2.54MM JUMPER WITH TEST POINT
G 02-MAR-17
60910213421 WURTH-60910213421 Datasheet
138Kb / 1P
2.54MM JUMPER WITH TEST POINT
A 17-DEC-07
60910413421 WURTH-60910413421 Datasheet
138Kb / 1P
2.54MM JUMPER WITH TEST POINT
A 17-DEC-07
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com