Electronic Components Datasheet Search
  English  ▼

X  

547 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 547
Description  Optional Device Lifter for Easy Package Removal
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

547 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  547 Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2609 Bartram Road • Bristol, PA 19007-6810 USA
TEL 215-781-9956 • FAX 215-781-9845
WWW.ARIESELEC.COM • INFO@ARIESELEC.COM
10015
Rev. 2.1
1 of 1
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
FOR SOCKET SETUP PER DEVICE, SEE DATA SHEET 10020 OR REQUEST SALES
DRAWING 1109450
FOR SOIC TO 0.600 [15.24] DIP ADAPTER, SEE DATA SHEET 10016
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS
CUSTOMIZATION: ARIES SPECIALIZES IN CUSTOM DESIGN AND PRODUCTION.
SPECIAL MATERIALS, PLATINGS, SIZES, AND CONFIGURATIONS CAN BE
FURNISHED, DEPENDING ON QUANTITY.
ARIES RESERVES THE RIGHT TO CHANGE PRODUCT GENERAL SPECIFICATIONS
WITHOUT NOTICE
PRINTOUTS OF THIS DOCUMENT MAY BE OUT-OF-DATE AND SHOULD BE
CONSIDERED UNCONTROLLED
FEATURES
• Insertupto44-pinDeviceswithoutBendingorDamagingDeviceLegs
•InsertandRemoveComponentsfromSocketwithoutForce
• AcceptsSOICGull-wingandJ-PbDevices,upto44Pins,on0.050[1.27]PbPitch,BodyWidths
from0.150to0.600[3.81to15.24]
• OptionalDeviceLifterforEasyPackageRemoval
GENERAL SPECIFICATIONS
•
BODY MATERIAL:blackUL94V-0glass-filledPolyphenyleneSulfide(PPS)
•
CONTACTS:BeCu172perQQ-C-533
•
CONTACT PLATING:20µ[0.51µ]min.AuperMIL-G-45204over100µ[2.54µ]min.NiperQQ-N-
290over20µ[0.51µ]min.CuperMIL-C-14550
•
HARDWARE:StainlessSteel
•
CONTACT CURRENT RATING:1amp
•
OPERATING TEMPERATURE:257°F[125°C]
MOUNTING CONSIDERATIONS
• See
SCHEMATICbelow
Series 547 Universal SOIC
Zero-Insertion-Force Test Socket
ORDERING INFORMATION
44-547-11 – Without Lifter
44-547-11E – With Lifter


Similar Part No. - 547

ManufacturerPart #DatasheetDescription
logo
3M Electronics
547 3M-547 Datasheet
42Kb / 1P
Pipe Thread Sealant Tape 547, 1/4 in x 36 yds (6,3 mm x 32,9 m), Boxed
logo
Keystone Electronics Co...
547 KEYSTONE-547 Datasheet
401Kb / 1P
HANDLES
31-07 20th
logo
Glenair, Inc.
547-002BT GLENAIR-547-002BT Datasheet
80Kb / 1P
Connectors
547-005BT GLENAIR-547-005BT Datasheet
84Kb / 1P
Boot Backshell for Cannon DPX3 Series Connectors
logo
Heyco.
5470 HEYCO-5470 Datasheet
380Kb / 2P
Full Thickness Male Blades
More results

Similar Description - 547

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SA1235FLT1G LRC-L2SA1235FLT1G Datasheet
819Kb / 3P
General Purpose Transistor Super mini package for easy mounting
logo
List of Unclassifed Man...
SHT7X ETC2-SHT7X_15 Datasheet
286Kb / 12P
Pin type package ??easy integration
logo
Laird Tech Smart Techno...
B1360W LSTD-B1360W Datasheet
891Kb / 2P
Easy installation with optional NMO Mounts
logo
PHOENIX CONTACT
HC-M4-KOAX-EWZ PHOENIX-HC-M4-KOAX-EWZ Datasheet
47Kb / 2P
Contact removal tool for coaxial contacts
logo
Maxim Integrated Produc...
MAX2680EVKIT MAXIM-MAX2680EVKIT Datasheet
135Kb / 4P
Easy Evaluation of All Device Functions
Rev 1; 11/98
logo
Molex Electronics Ltd.
0621007100 MOLEX-0621007100 Datasheet
29Kb / 1P
Removal Tool for 12.5 Gbps Coplanar
06/25/2021
0621007200 MOLEX-0621007200 Datasheet
29Kb / 1P
Removal Tool for 12.5 Gbps Coplanar
06/26/2021
0621007800 MOLEX-0621007800 Datasheet
49Kb / 5P
Removal Tool for Vertical Signal Modules
11/02/2021
0621007300 MOLEX-0621007300 Datasheet
29Kb / 1P
Removal Tool for 12.5 Gbps Coplanar
07/27/2021
0622029640 MOLEX-0622029640 Datasheet
35Kb / 2P
Removal Tool for Multi-Port Connector
02/26/2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com