Electronic Components Datasheet Search
  English  ▼

X  

TS187X Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS187X
Description  1.8 V input/output, rail-to-rail, low power operational amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS187X Datasheet(HTML) 1 Page - STMicroelectronics

  TS187X Datasheet HTML 1Page - STMicroelectronics TS187X Datasheet HTML 2Page - STMicroelectronics TS187X Datasheet HTML 3Page - STMicroelectronics TS187X Datasheet HTML 4Page - STMicroelectronics TS187X Datasheet HTML 5Page - STMicroelectronics TS187X Datasheet HTML 6Page - STMicroelectronics TS187X Datasheet HTML 7Page - STMicroelectronics TS187X Datasheet HTML 8Page - STMicroelectronics TS187X Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
This is information on a product in full production.
November 2012
Doc ID 6992 Rev 7
1/25
25
TS187x, TS187xA
1.8 V input/output, rail-to-rail, low power operational amplifiers
Datasheet — production data
Features
■ Operating range from VCC = 1.8 to 6 V
■ Rail-to-rail input and output
■ Extended Vicm (VCC- - 0.2 V to VCC+ + 0.2 V)
■ Low supply current (400 µA)
■ Gain bandwidth product (1.6 MHz)
■ High unity gain stability
■ ESD tolerance (2 kV)
■ Latch-up immunity
■ Available in
– SOT23-5 micropackage
– MiniSO-8, SO-8, SO-14
– TSSOP8, TSSOP14 package
Applications
■ Battery powered applications (toys)
■ Portable communication devices (cell phones)
■ Audio drivers (headphone drivers)
■ Laptop/notebook computers
Description
The TS187x (single, dual and quad) device can
operate with voltages as low as 1.8 V. They
feature both input and output rail-to-rail.
The common mode input voltage extends 200 mV
beyond the supply voltages at 25 °C, while the
output voltage swing is within 100 mV of each rail
with a 600
Ω load resistor. The devices consume
typically 400 µA per channel while offering
1.6 MHz of gain bandwidth product. The
amplifiers provide a high output drive capability at
typically 65 mA loads.
These features make the TS187x family ideal for
sensor interface, battery supplied and portable
applications.
Table 1.
Device summary
Reference
Single
version
Dual
version
Quad
version
TS187x
TS1871
TS1872
TS1874
TS187xA
TS1871A
TS1872A
TS1874A
TS1872ID/IDT-TS1872IST-TS1872IPT
1
2
3
5
4
VCC-
VCC+
In-
Out
In+
V
CC-
1
2
3
5
4
8
7
6
N.C.
N.C.
In+
In-
Out
+
_
N.C.
V
CC+
In2+
V
CC-
1
2
3
5
4
8
7
6
In1+
In1-
Out2
+
_
Out1
In2-
+
_
V
CC+
In2+
V
CC-
1
2
3
5
4
8
7
6
In1+
In1-
Out2
+
_
Out1
In2-
+
_
V
CC+
V
CC-
1
2
3
11
4
14
13
12
In2+
In2-
Out4
Out2
In4+
In4-
5
6
7
8
10
9
+
_
+
_
+
_
Out3
In3+
In3-
+
_
Out1
In1+
In1-
V
CC+
V
CC-
1
2
3
11
4
14
13
12
In2+
In2-
Out4
Out2
In4+
In4-
5
6
7
8
10
9
+
_
+
_
+
_
Out3
In3+
In3-
+
_
Out1
In1+
In1-
V
CC+
TS1871ID/IDT
TS1871ILT
TS1874ID/IDT-TS1874IPT
www.st.com


Similar Part No. - TS187X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS1871 STMICROELECTRONICS-TS1871 Datasheet
73Kb / 10P
1.8V, INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
Mar-2000
TS1871 STMICROELECTRONICS-TS1871 Datasheet
427Kb / 26P
1.8V input/output rail-to-rail low power operational amplifiers
17-Jan-2008
TS1871AI STMICROELECTRONICS-TS1871AI Datasheet
73Kb / 10P
1.8V, INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
Mar-2000
TS1871AILT STMICROELECTRONICS-TS1871AILT Datasheet
428Kb / 27P
1.8V input/output rail-to-rail Low power operational amplifiers
21-May-2007
TS1871AILT STMICROELECTRONICS-TS1871AILT Datasheet
427Kb / 26P
1.8V input/output rail-to-rail low power operational amplifiers
17-Jan-2008
More results

Similar Description - TS187X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951 Datasheet
118Kb / 13P
INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
Aug-1999
logo
Analog Devices
AD8515 AD-AD8515 Datasheet
242Kb / 16P
1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
4/03-Data Sheet changed from REV. A to REV. B.
logo
Texas Instruments
LMV931 TI-LMV931 Datasheet
725Kb / 26P
1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
logo
Analog Devices
AD8515 AD-AD8515_07 Datasheet
370Kb / 16P
1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. D
logo
Texas Instruments
LMV931-Q1 TI1-LMV931-Q1 Datasheet
1Mb / 32P
1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931IDBVRG4 TI-LMV931IDBVRG4 Datasheet
514Kb / 27P
1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
TLV2460-Q1 TI1-TLV2460-Q1_16 Datasheet
2Mb / 46P
Low-Power Rail-to-Rail Input/Output Operational Amplifiers
TLV316 TI1-TLV316_16 Datasheet
1Mb / 37P
10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
TLV316-Q1 TI1-TLV316-Q1 Datasheet
1Mb / 31P
10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
logo
STMicroelectronics
TS185X STMICROELECTRONICS-TS185X Datasheet
427Kb / 24P
1.8 V input/output, rail-to-rail, low power operational amplifiers
12-Mar-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com