Electronic Components Datasheet Search
  English  ▼

X  

TS4621B Datasheet(PDF) 38 Page - STMicroelectronics

Part # TS4621B
Description  High-performance class-G stereo headphone amplifier with I2C volume control
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4621B Datasheet(HTML) 38 Page - STMicroelectronics

Back Button TS4621B Datasheet HTML 34Page - STMicroelectronics TS4621B Datasheet HTML 35Page - STMicroelectronics TS4621B Datasheet HTML 36Page - STMicroelectronics TS4621B Datasheet HTML 37Page - STMicroelectronics TS4621B Datasheet HTML 38Page - STMicroelectronics TS4621B Datasheet HTML 39Page - STMicroelectronics TS4621B Datasheet HTML 40Page - STMicroelectronics TS4621B Datasheet HTML 41Page - STMicroelectronics TS4621B Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
Application information
TS4621B
38/48
Doc ID 022194 Rev 2
The gain range in these configurations remains unchanged and is given by:
With reference to Figure 80., note that the absolute phase in the audio band is 180°.
4.5.1
Layout recommendations for single-ended operation
The connection location of each input that has to be set to ground is extremely important.
Incorrect connection location
Figure 81.
Incorrect ground connection for single-ended option
If these inputs are connected to AGnd (the ground of the TS4621B class-G), the output
voltage can be expressed by the following simplified equation from an AC point of view.
Vout = Av x (Vaudio + Vmc + Vgndnoise) + Vbatnoise x PSRR (1)
As shown in Equation (1), any ground noise and any parasitic AC voltage on Vmc is directly
multiplied by the gain of the amplifier. If Vmc can be totally controlled by the design of the
audio source device (no parasitic AC voltage), it is not necessarily the case for Vgndnoise.
This noise can be significantly reduced by an adequate low impedance ground plane, but
not totally eliminated. In practice, only ten millivolts in the right frequency range are enough
to produce an audible parasitic sound in the headphone with a volume level as low as
-20 dB.
VoutLR
VinLR
Gain
×
=
Rout
12 ohms min.
Rout
12 ohms min.
Cout
0.8 nF min.
Cout
0.8 nF min.
Cin
1 µF
Cin
1 µF
Cin
1 µF
Cin
1 µF
1
2
3
J1
C12
2.2 µF
Cs
2.2 µF
Css
2.2 µF
Ct
10 µF
L1
3.3 µH
Vbat
I²C bus
+
-
+
-
I2C
Negative
supply
Positive
supply
AGnd
C1
C2
SDA
SCL
AVdd
InL-
InL+
InR+
InR-
VoutL
VoutR
CMS
Level
detector
Level
detector
Sw
HpVdd
PVss
Audio driver
Left output
Right output
Vgndnoise
VaudioL
VaudioR
Vmc
AM06154



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com