Electronic Components Datasheet Search
  English  ▼

X  

LQM2MPN2R2G0L Datasheet(PDF) 13 Page - STMicroelectronics

Part # LQM2MPN2R2G0L
Description  High-performance class-G stereo headphone amplifier with I2C volume control
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQM2MPN2R2G0L Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LQM2MPN2R2G0L Datasheet HTML 9Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 10Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 11Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 12Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 13Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 14Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 15Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 16Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
TS4621B
Electrical characteristics
Doc ID 022194 Rev 2
13/48
Figure 4.
Current consumption vs. power
supply voltage
Figure 5.
Standby current consumption vs.
power supply voltage
2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 4.0 4.2 4.4 4.6 4.8
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
No load; No input Signal
Both channels enabled
Ta = 25
°C
Power Supply Voltage Vcc (V)
No load; No input Signal
SDA=SCL = 0V
Ta = 25
°C
Figure 6.
Maximum output power vs. load
in-phase
Figure 7.
Maximum output power vs. load
out-of-phase
10
100
1k
0
10
20
30
40
50
60
70
80
VCC=2.3V
VCC=3.6V
Inputs = 0
°, F = 1kHz
THD+N = 1%
Tamb = 25
°C
VCC=4.8V
RL Load resistance ( )
10
100
1k
0
10
20
30
40
50
60
70
80
VCC=2.3V
VCC=3.6V
Inputs = 180
°, F = 1kHz
THD+N = 1%
Tamb = 25
°C
VCC=4.8V
RL Load resistance ( )
Figure 8.
Maximum output power vs. power
supply voltage, RL = 16
Ω
Figure 9.
Maximum output power vs. power
supply voltage, RL = 32
Ω
2.3
2.7
3.1
3.5
3.9
4.3
4.7
0
20
40
60
80
100
120
THD+N=10% (180
°)
THD+N=10% (0
°)
THD+N=1% (0
°)
RL = 16
Ω, F = 1kHz
BW < 30kHz, Tamb = 25
°C
THD+N=1% (180
°)
Power Supply Voltage Vcc (V)
2.3
2.7
3.1
3.5
3.9
4.3
4.7
0
20
40
60
80
THD+N=10% (180
°)
THD+N=10% (0
°)
THD+N=1% (0
°)
RL = 32
Ω, F = 1kHz
BW < 30kHz, Tamb = 25
°C
THD+N=1% (180
°)
Power Supply Voltage Vcc (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com