Electronic Components Datasheet Search
  English  ▼

X  

TSV63X Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSV63X
Description  Dual and quad, rail-to-rail input/output, 60 μA, 880 kHz operational amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV63X Datasheet(HTML) 1 Page - STMicroelectronics

  TSV63X Datasheet HTML 1Page - STMicroelectronics TSV63X Datasheet HTML 2Page - STMicroelectronics TSV63X Datasheet HTML 3Page - STMicroelectronics TSV63X Datasheet HTML 4Page - STMicroelectronics TSV63X Datasheet HTML 5Page - STMicroelectronics TSV63X Datasheet HTML 6Page - STMicroelectronics TSV63X Datasheet HTML 7Page - STMicroelectronics TSV63X Datasheet HTML 8Page - STMicroelectronics TSV63X Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
May 2015
DocID15688 Rev 6
1/31
This is information on a product in full production.
www.st.com
TSV63x, TSV63xA
Dual and quad, rail-to-rail input/output, 60 µA, 880 kHz
operational amplifiers
Datasheet - production data
Features
Rail-to-rail input and output
Low power consumption: 60 µA typ at 5 V
Low supply voltage: 1.5 V - 5.5 V
Gain bandwidth product: 880 kHz typ
Unity gain stable on 100 pF capacitor
Low power shutdown mode: 5 nA typ
Low offset voltage: 800 µV max (A version)
Low input bias current: 1 pA typ
EMI hardened op amps
Automotive qualification
Related products
See the TSV52x series for higher merit
factor (1.15 MHz for 45 µA)
See the TSV61x (120 kHz for 9 µA) or
TSV62x (420 kHz for 29 µA) for more power
savings
Applications
Battery-powered applications
Portable devices
Signal conditioning
Active filtering
Medical instrumentation
Description
The TSV63x and TSV63xA series of dual and
quad operational amplifiers offers low voltage
operation and rail-to-rail input and output.
This family features an excellent speed/power
consumption ratio, offering an 880 kHz gain-
bandwidth product while consuming only 60 µA at
5 V supply voltage. The devices also feature an
ultralow input bias current and TSV633 and
TSV635 have a shutdown mode.
These features make the TSV63x and TSV63xA
family
ideal
for
sensor
interfaces,
battery-
supplied and portable applications, and active
filtering.
Table 1: Device summary
Reference
Dual version
Quad version
Without
standby
With
standby
Without
standby
With
standby
TSV63x
TSV632
TSV633
TSV634
TSV635
TSV63xA
TSV632A
TSV633A
TSV634A
TSV635A


Similar Part No. - TSV63X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV630 STMICROELECTRONICS-TSV630 Datasheet
818Kb / 23P
Rail-to-rail input/output 60 μA 880 kHz CMOS operational amplifier
19-Dec-2008
TSV630AICT STMICROELECTRONICS-TSV630AICT Datasheet
818Kb / 23P
Rail-to-rail input/output 60 μA 880 kHz CMOS operational amplifier
19-Dec-2008
TSV630AILT STMICROELECTRONICS-TSV630AILT Datasheet
818Kb / 23P
Rail-to-rail input/output 60 μA 880 kHz CMOS operational amplifier
19-Dec-2008
TSV630ICT STMICROELECTRONICS-TSV630ICT Datasheet
818Kb / 23P
Rail-to-rail input/output 60 μA 880 kHz CMOS operational amplifier
19-Dec-2008
TSV630ILT STMICROELECTRONICS-TSV630ILT Datasheet
818Kb / 23P
Rail-to-rail input/output 60 μA 880 kHz CMOS operational amplifier
19-Dec-2008
More results

Similar Description - TSV63X

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP295 AD-OP295 Datasheet
328Kb / 12P
DUAL/QUAD RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
REV.B
logo
National Semiconductor ...
LPV511 NSC-LPV511 Datasheet
836Kb / 14P
880 nA, Rail-to-Rail Input and Output Operational Amplifier
logo
Analog Devices
OP295 AD-OP295_06 Datasheet
399Kb / 16P
Dual/Quad Rail-to-Rail Operational Amplifiers
Rev. E
OP196 AD-OP196_02 Datasheet
287Kb / 16P
Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. C
OP184 AD-OP184_06 Datasheet
508Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
logo
STMicroelectronics
TSV630 STMICROELECTRONICS-TSV630 Datasheet
818Kb / 23P
Rail-to-rail input/output 60 μA 880 kHz CMOS operational amplifier
19-Dec-2008
TSV632 STMICROELECTRONICS-TSV632 Datasheet
1,006Kb / 26P
Rail-to-rail input/output 60 μA 880 kHz operational amplifiers
15-Jun-2009
logo
Analog Devices
OP295 AD-OP295_15 Datasheet
376Kb / 16P
Dual/Quad Rail-to-Rail Operational Amplifiers
Rev. G
OP495 AD-OP495_15 Datasheet
376Kb / 16P
Dual/Quad Rail-to-Rail Operational Amplifiers
Rev. G
logo
STMicroelectronics
TSV91X STMICROELECTRONICS-TSV91X Datasheet
1Mb / 27P
Single, dual, and quad rail-to-rail input/output 8 MHz operational amplifiers
29-Aug-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com