Electronic Components Datasheet Search
  English  ▼

X  

TSV854 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TSV854
Description  Low-power, high-accuracy, general-purpose operational amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV854 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TSV854 Datasheet HTML 11Page - STMicroelectronics TSV854 Datasheet HTML 12Page - STMicroelectronics TSV854 Datasheet HTML 13Page - STMicroelectronics TSV854 Datasheet HTML 14Page - STMicroelectronics TSV854 Datasheet HTML 15Page - STMicroelectronics TSV854 Datasheet HTML 16Page - STMicroelectronics TSV854 Datasheet HTML 17Page - STMicroelectronics TSV854 Datasheet HTML 18Page - STMicroelectronics TSV854 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
DocID022468 Rev 4
15/31
TSV85x, TSV85xA
Application information
31
4.7
Shutdown function
The operational amplifier is enabled when the SHDN pin is pulled high. To disable the
amplifier, the SHDN pin must be pulled down to VCC-. When in shutdown mode, the
amplifier output is in a high impedance state. The SHDN pin must never be left floating but
tied to VCC+ or VCC-.
The turn-on and turn-off times are calculated for an output variation of ±200 mV (Figure 21
and Figure 22 show the test configurations). Figure 23 and Figure 24 show the respective
results with these test configurations.
Figure 21. Test configuration for turn-on time
(Vout pulled down)
Figure 22. Test configuration for turn-off time
(Vout pulled down)
+
-
GND
GND
Vcc
Vcc – 1V
+
-
GND
GND
Vcc
Vcc – 1V
Figure 23. Turn-on time, VCC = 5 V,
Vout pulled down, T = 25 °C
Figure 24. Turn-off time, VCC = 5 V,
Vout pulled down, T = 25 °C
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
-3
-2
-1
0
1
2
3
Shutdown pulse
Vout
Vcc = 5V
T = 25°C
R
L
connected to GND
Time(µs)
-0.05
0.00
0.05
0.10
0.15
0.20
-3
-2
-1
0
1
2
3
Shutdown pulse
Vout
Vcc = 5V
T = 25°C
R
L
connected to GND
Time(µs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com