Electronic Components Datasheet Search
  English  ▼

X  

XLL318 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # XLL318
Description  IDT XO LVPECL Crystal Oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

XLL318 Datasheet(HTML) 2 Page - Integrated Device Technology

  XLL318 Datasheet HTML 1Page - Integrated Device Technology XLL318 Datasheet HTML 2Page - Integrated Device Technology XLL318 Datasheet HTML 3Page - Integrated Device Technology XLL318 Datasheet HTML 4Page - Integrated Device Technology XLL318 Datasheet HTML 5Page - Integrated Device Technology XLL318 Datasheet HTML 6Page - Integrated Device Technology XLL318 Datasheet HTML 7Page - Integrated Device Technology XLL318 Datasheet HTML 8Page - Integrated Device Technology XLL318 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IDT XO LVPECL CRYSTAL OSCILLATOR
2
JUNE 20, 2017
XUQ DATASHEET
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the XUQ. These ratings, which are standard values for
IDT commercially rated parts, are stress ratings only. Functional operation of the device at these or any other conditions above
those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions
for extended periods can affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
ESD Compliance
Mechanical Testing
Solder Reflow Profile
Item
Rating
VDD
-0.5 to +5.0V
E/D
-0.5V to VDD + 0.5V
OUT
-0.5V to VDD + 0.5V
Storage Temperature
-55°C to 125°C
Theta Ja (Junction to Ambient)
102°C/W – Still Air
Human Body Model (HBM)
1000V
Machine Model (MM)
150V
Parameter
Test Method
Mechanical Shock
Half-Sine wave with 0.3ms 3000G
X, Y, Z each direction 1 time
Mechanical Vibration
Frequency: 10 to 55 MHz Amplitude: 1.5mm
Frequency: 55~2000Hz Peak value: 20G
Duration time: 4H for each X,Y,Z axis Total 12hours
High Temp Operating Life (HTOL)
2000 Hours 125°C (under power)
Hermetic Seal
Gross leak (Air leak test)
Fine leak (Helium leak test) He-pressure: 6kgf/cm² 2 hours
tP
10 seconds Max within
5°C of 260°C peak
Ramp down not
to exceed 6°C/s
Ramp up 3°C/s Max
120 ±20 seconds
in pre-heating
area
50 ±10
seconds
above 225°C
reflow area
400 seconds MAX from +25°C to 260°C peak
25°C
160°C
180°C
225°C
260°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com