Electronic Components Datasheet Search
  English  ▼

X  

SW09R08V Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW09R08V
Description  N-channel Enhanced mode DFN5횞 6MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW09R08V Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW09R08V Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW09R08V Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW09R08V Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW09R08V Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW09R08V Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW09R08V Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Jun. 2016. Rev. 2.0
1/6
SW09R08V
N-channel Enhanced mode DFN5× 6MOSFET
Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
DSS
Drain to source voltage
80
V
I
D
Continuous drain current (@T
C=25
oC)
80*
A
Continuous drain current (@T
C=100
oC)
50*
A
I
DM
Drain current pulsed
(note 1)
320
A
V
GS
Gate to source voltage
± 20
V
E
AS
Single pulsed avalanche energy
(note 2)
223
mJ
E
AR
Repetitive avalanche energy
(note 1)
13.5
mJ
dv/dt
Peak diode recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
1.37
W
Derating factor above 25oC
0.01
W/oC
T
STG, TJ
Operating junction temperature & storage temperature
-55 ~ + 150
oC
T
L
Maximum lead temperature for soldering
purpose, 1/8 from case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
R
thjc
Thermal resistance, Junction to case
oC/W
R
thja
Thermal resistance, Junction to ambient
91
oC/W
*. Drain current is limited by junction temperature.
BV
DSS : 80V
I
D
: 80A
R
DS(ON) : 9mΩ@VGS=10V
10.2m
Ω@VGS=4.5V
1
2
3
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW HA 09R08V
SW09R08V
DFN5× 6
REEL
Features
 High ruggedness
 Low R
DS(ON) (Typ 9mΩ)@VGS=10V
(Typ 10.2m
Ω)@V
GS=4.5V
 Low Gate Charge (Typ 77nC)
 Improved dv/dt Capability
 100% Avalanche Tested
 Application: Telecom, Computer, Inverter
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics, including fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.
1. Gate 2. Drain 3. Source
DFN5× 6


Similar Part No. - SW09R08V

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW090R08ET SEMIPOWER-SW090R08ET Datasheet
812Kb / 6P
N-channel Enhanced mode TO-220/TO-263 MOSFET
More results

Similar Description - SW09R08V

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW10N70D SEMIPOWER-SW10N70D Datasheet
659Kb / 6P
N-channel Enhanced mode TO-262 MOSFET
SW038R04VT SEMIPOWER-SW038R04VT Datasheet
568Kb / 6P
N-channel Enhanced mode TO-220 MOSFET
SW2N65D SEMIPOWER-SW2N65D Datasheet
649Kb / 6P
N-channel Enhanced mode TO-220FMOSFET
SW6N60K SEMIPOWER-SW6N60K Datasheet
618Kb / 6P
N-channel Enhanced mode TO-220FMOSFET
SW20N70K SEMIPOWER-SW20N70K Datasheet
703Kb / 1P
N-channel Enhanced mode TO-220FMOSFET
SW6N70A SEMIPOWER-SW6N70A Datasheet
593Kb / 6P
N-channel Enhanced mode TO-251MOSFET
SW6N70D SEMIPOWER-SW6N70D Datasheet
630Kb / 6P
N-channel Enhanced mode TO-220FMOSFET
SW6N70DA SEMIPOWER-SW6N70DA Datasheet
1Mb / 8P
N-channel Enhanced mode
SW8N65A1 SEMIPOWER-SW8N65A1 Datasheet
551Kb / 6P
N-channel Enhanced mode TO-220FMOSFET
SW13N65D SEMIPOWER-SW13N65D Datasheet
824Kb / 6P
N-channel Enhanced mode TO-220FMOSFET
Jan. 2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com