Electronic Components Datasheet Search
  English  ▼

X  

650 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 650
Description  Pin Positions Numbered on Cover with Identification Polarization Notch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

650 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  650 Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2609 Bartram Road • Bristol, PA 19007-6810 USA
TEL 215-781-9956 • FAX 215-781-9845
WWW.ARIESELEC.COM • INFO@ARIESELEC.COM
12033
Rev. 6.2
1 of 1
CUSTOMIZATION: ARIES SPECIALIZES IN CUSTOM DESIGN AND PRODUCTION.
SPECIAL MATERIALS, PLATINGS, SIZES, AND CONFIGURATIONS CAN BE
FURNISHED, DEPENDING ON QUANTITY.
ARIES RESERVES THE RIGHT TO CHANGE PRODUCT GENERAL SPECIFICATIONS
WITHOUT NOTICE
PRINTOUTS OF THIS DOCUMENT MAY BE OUT-OF-DATE AND SHOULD BE
CONSIDERED UNCONTROLLED
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
FOR MATING DIP HEADER, SEE DATA SHEET 12032
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS
FEATURES
• Useful for Mounting Components (Resistors, Diodes, etc.)
• Four Ample Cover Heights from 1/8" [3.18] to 3/4" [19.05] high
• Pin Positions Numbered on Cover with Identification Polarization Notch
• Specifically Designed to Snap onto Aries Series 0600 Series Headers
GENERAL SPECIFICATIONS
•
STANDARD COVER: Black UL 94V-0 4/6 Nylon
MOUNTING CONSIDERATIONS
•
SUGGESTED PCB HOLE SIZE: 0.035 ±0.002 [0.89 ± 0.05] dia.
Series 650
Header Covers
Cover No.
Max. Component Height
No. of Pins
10
0.125 [3.18]
4-24, 28, 40
20
0.375 [9.53]
14, 16, 24
30
0.500 [12.70]
14, 16
40
0.750 [19.05]
14, 16
ORDERING INFORMATION
XX-650-XX
Cover Number
(See Table)
Series
No. of Pins
(See Table)


Similar Part No. - 650

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
650 OSCILENT-650 Datasheet
139Kb / 2P
Low Profile
logo
France Joint
650 FRANCEJOINT-650 Datasheet
784Kb / 3P
PISTON SEALS
logo
Abbatron All Rights Res...
650 ABBATRON-650 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Glenair, Inc.
650-061 GLENAIR-650-061 Datasheet
234Kb / 1P
Rear Panel Mount Dummy Receptacle for 804 Connectors
logo
Advanced Technical Mate...
650-251-2 ATM-650-251-2 Datasheet
82Kb / 1P
STANDARD GAIN HORN
More results

Similar Description - 650

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2489-3 KR-2489-3 Datasheet
20Kb / 2P
Notch Filter
2489-4 KR-2489-4 Datasheet
18Kb / 2P
Notch Filter
2497 KR-2497 Datasheet
20Kb / 2P
Notch Filter
2520-3 KR-2520-3 Datasheet
46Kb / 2P
Notch Filter
logo
Projects Unlimited, Inc...
AI-2604-TT-R PUI-AI-2604-TT-R Datasheet
215Kb / 1P
ADDED PIN LAYOUT AND IDENTIFICATION
logo
Molex Electronics Ltd.
47054-1000 MOLEX11-47054-1000 Datasheet
69Kb / 1P
KK짰 254 Housing with Polarization Rib, 4 Pin
0470541000 MOLEX1-0470541000_17 Datasheet
58Kb / 1P
KK 254 Housing with Polarization Rib, 4 Pin
logo
HARTING Technology Grou...
09-30-724-5405 HARTING-09-30-724-5405 Datasheet
543Kb / 2P
Han 24B Protect Cover with pin Thermopla
09-30-010-5407 HARTING-09-30-010-5407 Datasheet
456Kb / 2P
Han 10B Protect Cover with pin Thermopla
2021-10-01
logo
Schurter Inc.
TA35 SCHURTER-TA35 Datasheet
291Kb / 3P
Screw-on collar with cover, IP65
09.12.2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com