Electronic Components Datasheet Search
  English  ▼

X  

700 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 700
Description  Elevated Mounting of LCDs or Other Odd-centered or High Pin-count Components
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

700 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  700 Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2609 Bartram Road • Bristol, PA 19007-6810 USA
TEL 215-781-9956 • FAX 215-781-9845
WWW.ARIESELEC.COM • INFO@ARIESELEC.COM
12010
Rev. 6.1
1 of 1
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
FOR COLLET SOCKETS WITH SOLDER PIN TAILS, SEE DATA SHEETS 12012
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS
CUSTOMIZATION: ARIES SPECIALIZES IN CUSTOM DESIGN AND PRODUCTION.
SPECIAL MATERIALS, PLATINGS, SIZES, AND CONFIGURATIONS CAN BE
FURNISHED, DEPENDING ON QUANTITY.
ARIES RESERVES THE RIGHT TO CHANGE PRODUCT GENERAL SPECIFICATIONS
WITHOUT NOTICE
PRINTOUTS OF THIS DOCUMENT MAY BE OUT-OF-DATE AND SHOULD BE
CONSIDERED UNCONTROLLED
FEATURES
• ElevatedMountingofLCDsorOtherOdd-centeredorHighPin-countComponents
• AnyHeightfrom0.360to2.000[9.14to50.80]
• OptionalSpacerforMountingon0.300[7.62],0.600[15.24],0.900[22.86],1.100[27.94],and
1.300[33.02]Centers
GENERAL SPECIFICATIONS
•
BODY:blackUL94V-0glass-filled4/6Nylon
•
PIN:GradeAPhosphorBronzeperQQ-B-750
•
OPTIONAL SPACER:FR-40.032[0.81]thick
•
PIN PLATING:10µ[0.25µ]min.AuperMIL-G-45204over50µ[1.27µ]min.Niper
SAEAMS-QQ-N-290B;
–OR–200µ[5.08µ]min.matteSnperASTMB545-97(2004)
e1over50µ[1.27µ]min.NiperSAEAMS-QQ-N-290B;
–OR–200µ[5.08µ]min.
90/10Sn/PbperMIL-T-10727Type1over50µ[1.27µ]min.NiperSAEAMS-QQ-N-
290B
•
CURRENT RATING:1.5amps
•
OPERATING TEMPERATURE:-67°Fto221°F[-55°Cto105°C]Sn&Sn/Pbplating;
-67°Fto257°F[-55°Cto125°C]Au
•
INSERTION FORCE:110g/pinaverage
•
WITHDRAWAL FORCE:75g/pinaverage
•
ACCEPTS LEADS:flatleadsupto0.014x0.020wide[0.36-0.51],RoundLeadsupto
0.020[0.51]dia.
•
LEAD LENGTHS:fromseatingplane0.080-0.160[2.03-4.06]
MOUNTING CONSIDERATIONS
•
SUGGESTED PCB HOLE SIZE:0.045±0.002[1.14±0.05]dia.
Series 700 Elevator Strip-Line™ Socket
w/Bifurcated Contacts & Solder Pin Tails
ORDERING INFORMATION
XX 7 XXX-X XXX
Plating
0=Sn
0TL=Sn/Pb
1=Au
Termination
1=SolderPinTail
Elevated Height
0.360-2.000[9.14-50.80]
Series
No. of Pins
(SeeTable)
No. of Pins No. of Grooves
20
2
25
2
30
2
34
3
40
2


Similar Part No. - 700

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
700 MICROSEMI-700 Datasheet
82Kb / 2P
RECTIFIERS ASSEMBLIES THREE PHASE BRIDGES, 2.5 AMP, STANDARD AND FAST RECOVERY
logo
E-SWITCH
700 E-SWITCH-700 Datasheet
525Kb / 6P
PUSHBUTTON SWITCHES - SNAP-ACTING
logo
Honeywell Solid State E...
700 HONEYWELL-700 Datasheet
736Kb / 11P
Temperature Sensors Line Guide
logo
List of Unclassifed Man...
700 ETC2-700 Datasheet
310Kb / 1P
PHENOLIC INSTRUMENT CASES
logo
Bourns Electronic Solut...
700 BOURNS-700 Datasheet
332Kb / 2P
RC Terminator Networks
More results

Similar Description - 700

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9163 ETC2-9163 Datasheet
153Kb / 1P
ACCEPTS ONE 14 OR 16-PIN S.O.I.C. or TWO 8-PIN SOICs DIRECT PINOUT OR ADD ADDITIONAL COMPONENTS
9164 ETC2-9164 Datasheet
154Kb / 1P
ACCEPTS ONE 14 OR 16-PIN S.O.I.C. or TWO 8-PIN SOICs DIRECT PIN OUT OR ADD ADDITIONAL COMPONENTS
logo
OPTEK Technologies
OPB493T11Z OPTEK-OPB493T11Z Datasheet
264Kb / 7P
Choice of pins or wires mounting configuration
06/14
logo
Japan Aviation Electron...
FF02S25SV1 JAE-FF02S25SV1 Datasheet
224Kb / 1P
ODD NUMBER OF CONTACTS
logo
Aries Electronics, Inc.
95-100I25 ARIES-95-100I25 Datasheet
207Kb / 1P
Consult factory for panelized form or for mounting of consigned chips
96-080M80 ARIES-96-080M80 Datasheet
200Kb / 1P
Consult factory for panelized form or for mounting of con-consigned
logo
Shenzhen Huazhimei Semi...
HM2466 HMSEMI-HM2466 Datasheet
694Kb / 12P
Drive DC brush motor or inductor or other load
HM2467 HMSEMI-HM2467 Datasheet
746Kb / 10P
Drive DC brush motor or inductor or other load
logo
WALSIN TECHNOLOGY CORPO...
RGFRA1903041A1T WALSIN-RGFRA1903041A1T Datasheet
514Kb / 12P
Allow placing other components besides antenna or on the backside of PCB right underneath antenna
RGFRA9937380A3T WALSIN-RGFRA9937380A3T Datasheet
403Kb / 10P
Allow placing other components besides antenna or on the backside of PCB right underneath antenna
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com