Electronic Components Datasheet Search
  English  ▼

X  

PST574 Datasheet(PDF) 2 Page - Mitsumi Electronics, Corp.

Part # PST574
Description  System Reset
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

PST574 Datasheet(HTML) 2 Page - Mitsumi Electronics, Corp.

  PST574 Datasheet HTML 1Page - Mitsumi Electronics, Corp. PST574 Datasheet HTML 2Page - Mitsumi Electronics, Corp. PST574 Datasheet HTML 3Page - Mitsumi Electronics, Corp. PST574 Datasheet HTML 4Page - Mitsumi Electronics, Corp. PST574 Datasheet HTML 5Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MITSUMI
System Reset PST574
Equivalent Circuit Diagram
Absolute Maximum Ratings (Ta=25°C)
Electrical Characteristics (Ta=25°C) (Except where noted otherwise, resistance unit is Ω)
Item
Symbol
Rating
Units
Storage temperature
TSTG
-40~+125
°C
Operating temperature
TOPR
-20~+75
°C
Power supply voltage
VCC max.
-0.3~10
V
Allowable loss
Pd
200 (MMP-3A)
mW
300 (TO-92A)
Item
Symbol
Measurement
Measurement conditions
Min. Typ. Max. Units
circuit
PST574C
4.3
4.5
4.7
PST574D
4.0
4.2
4.4
PST574E
3.7
3.9
4.1
RL=470
PST574F
3.4
3.6
3.8
Detection voltage
VS
1VOL <
= 0.4V
PST574G
3.1
3.3
3.5
V
VCC=H
L
PST574H
2.9
3.1
3.3
PST574I
2.75
2.90
3.05
PST574J
2.55
2.70
2.85
PST574K
2.35
2.50
2.65
PST574L
2.15
2.30
2.45
Hysteresis voltage
VS
1RL=470, VCC=L
H
L
25
50
100
mV
Detection voltage temperature
VS/
T
1
RL=470, Ta=-20°C~+75°C
±0.01
%/°C
coefficient
Low-level output voltage
VOL
1
VCC=VS min.-0.05V, RL=470
0.1
0.4
V
Output leakage current
IOH
1VCC=7.5V
±0.1
µA
Circuit current while on
ICCL
1VCC=VS min.-0.05V, RL=
∞
400
650
µA
Circuit current while off
ICCH
1VCC=VS typ./0.85V, RL=
∞
7.5
12.0
µA
"H"transport delay time
tpLH
2
*1 RL=4.7kΩ, CL=100pF
250
400
600
µS
"L"transport delay time
tpHL
2
*1 RL=4.7kΩ, CL=100pF
6
20
µS
Operation limit voltage
VopL
1
RL=4.7k
Ω, VOL <= 0.4V
0.65
0.85
V
Output current while on IIOL I1
VCC=Vs min.-0.05V, RL=0
8
30
mA
Output current while on II
IOL II
1
*2 Ta=-20°C~+75°C, RL=0
5mA
*1 : tpLH : VCC=(VS typ.-0.4V) (VS typ.+0.4V), tpHL : VCC=(VS typ.+0.4V) (VS typ.-0.4V)
*2 : VCC=VS min.-0.15V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com