Electronic Components Datasheet Search
  English  ▼

X  

352000 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 352000
Description  Converts PLCC packaged IC-to-DIP footprints
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

352000 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  352000 Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bristol, PA 19007-6810 USA
TEL (215) 781-9956 • FAX (215) 781-9845
PRINTOUTS OF THIS DOCUMENT MAY BE OUT OF DATE AND SHOULD BE CONSIDERED UNCONTROLLED
• INFO@ARIESELEC.COM
WWW.ARIESELEC.COM
FEATURES
• Converts PLCC packaged IC-to-DIP footprints
• Ideal for prototyping and testing/evaluation
• Available with PLCC sockets or PLCC pads on top side
• Consult factory for Panelized Form or for mounting of consigned ICs
GENERAL SPECIFICATIONS
• ADAPTER BODY: 0.062 [1.58] thick, FR-4 with 1-oz. Cu traces
• PINS: Brass 360 1/2-hard per UNS C36000, ASTM B16/B16M
• PIN PLATING: Sn/Pb 93/7 per ASTM B579-73 over 100µ [2.54µ] Ni per SAE-
AMS-QQ-N-290
• OPTIONAL PLCC SOCKETS: UL 94V-0 PPS
• SOCKET CONTACTS: Phosphor Bronze
• SOCKET CONTACT PLATING: 200µ [5.08µ] Sn/Pb 93/7 per ASTM B579-73
over 50µ [1.27µ] Ni per SAE AMS-QQ-290
• CURRENT RATING: 1 amp
• OPERATING TEMPERATURE: 221°F [105°C]
MOUNTING CONSIDERATIONS
• SUGGESTED PCB HOLE SIZE: 0.028 ±0.003 [0.71 ±0.08] dia.
• Will plug into standard IC socket
• See Table for Pad Layout when mounting PLCC socket
18015
Rev. AA
Series 352000 and 353000
PLCC-to-DIP Adapter
No. of Pins
20, 28
Series
352000: without socket
353000: with socket
ORDERING INFORMATION
XX-35X000-10
Sn-plated Solder
Tail Pin
Pins
Dim. “A”
Dim. “B”
Dim. “C”
Dim. “D”
Dim. “W”
±0.003 [0.08]
non-cumulative
Dim. “X”
±0.003 [0.08]
non-cumulative
Dim “Y”
±0.003 [0.08]
Dim. “Z”
±0.003 [0.08]
Pad Size
20
1.000 [25.4]
0.900 [22.86]
0.500 [12.7]
0.500 [12.7]
0.200 [5.08]
0.200 [5.08]
0.350 [8.89]
0.350 [8.89]
0.024 x 0.076 [ 0.61 x 1.93]
28
1.400 [35.56]
1.300 [33.02]
0.705 [17.91]
0.705 [17.91]
0.300 [7.62]
0.300 [7.62]
0.549 [13.95]
0.449 [11.41]
0.024 x 0.076 [0.61 x 1.93]
CUSTOMIZATION: In addition to the standard products shown
on this page, Aries specializes in custom design and production.
Special materials, platings, sizes, and configurations can be
furnished, depending on the quantity.
NOTE: Aries reserves the
right to change product general specifications without notice.
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS


Similar Part No. - 352000

ManufacturerPart #DatasheetDescription
logo
MENDA
35200 MENDA-35200 Datasheet
229Kb / 1P
TWIST-LOCK, PUMP ONLY
April2016
logo
List of Unclassifed Man...
352001 ETC2-352001 Datasheet
113Kb / 1P
50 OHM COAXIAL CABLE
logo
Lumberg
352004 LUMBERG-352004 Datasheet
122Kb / 2P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
352004 LUMBERG-352004 Datasheet
525Kb / 4P
RAST 2.5 connectors, pitch 2.5/5.0 mm
352005 LUMBERG-352005 Datasheet
122Kb / 2P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
More results

Similar Description - 352000

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UR3HCGNP-001-RH SEMTECH-UR3HCGNP-001-RH Datasheet
100Kb / 14P
IC Converts PS/2 Data to USB
SH3301 SEMTECH-SH3301 Datasheet
97Kb / 8P
USB-Adapt??SH3301 IC Converts PS/2 Data to USB
logo
Sony Corporation
CXA2075M SONY-CXA2075M Datasheet
233Kb / 15P
encoder IC that converts
logo
Aries Electronics, Inc.
28-652000-10 ARIES-28-652000-10 Datasheet
450Kb / 1P
PLCC-to-DIP Adapter
28-652000-11-RC ARIES-28-652000-11-RC Datasheet
478Kb / 1P
RoHs/WEEE-Compliant PLCC-to-DIP Adapter
20-352000-10 ARIES-20-352000-10 Datasheet
632Kb / 1P
PLCC-to-DIP Adapter
1111163 ARIES-1111163 Datasheet
476Kb / 1P
40-Pin DIP-to-Socketable PLCC Adapter
1109342 ARIES-1109342 Datasheet
435Kb / 1P
PLCC-to-DIP Adapter
logo
FCI connector
54020-44030LF FCI-CONNECTOR-54020-44030LF Datasheet
220Kb / 2P
PLCC DIP Socket
logo
Aries Electronics, Inc.
652000 ARIES-652000 Datasheet
667Kb / 1P
Converts PLCC packaged ICs to DIP footprints
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com