Electronic Components Datasheet Search
  English  ▼

X  

652000 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 652000
Description  Converts PLCC packaged ICs to DIP footprints
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

652000 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  652000 Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bristol, PA 19007-6810 USA
TEL (215) 781-9956 • FAX (215) 781-9845
PRINTOUTS OF THIS DOCUMENT MAY BE OUT OF DATE AND SHOULD BE CONSIDERED UNCONTROLLED
• INFO@ARIESELEC.COM
WWW.ARIESELEC.COM
FEATURES
• Converts PLCC packaged ICs to DIP footprints.
• Ideal for prototyping and testing/evaluation.
• Available with PLCC sockets or PLCC pads on top side.
• Consult factory for Panelized Form or for mounting of consigned ICs.
GENERAL SPECIFICATIONS
• ADAPTER BODY: FR-4, 0.062 [1.58] thick, with 1-oz. Cu traces
• PINS: Brass 360 1/2-hard per UNS C36000, ASTM B16/B16M
• PIN PLATING: Sn/Pb 93/7 is 200µ [5.08µ] per ASTM B579-73 over 100µ
[2.54µ] Ni per SAE-AMS-QQ-N-290 with 10µ [0.254µ] Au per MIL-G-45204
over 100µ [2.54µ] Ni per SAE AMS-QQ-N-290
• OPTIONAL PLCC SURFACE MOUNT SOCKET: UL 94V-0 PPS
• SOCKET CONTACTS: Phosphor Bronze, Sn-plated
• CURRENT RATING: 1 amp
• OPERATING TEMPERATURE: 221°F [105°C]
MOUNTING CONSIDERATIONS
• SUGGESTED PCB HOLE SIZE: 0.028 ±0.003 [0.71 ±0.08] dia.
• Will plug into Standard IC Socket
• See Table for Pad Layout when mounting PLCC socket
18014
Rev. AB
Series 652000 and 653000
PLCC-to-DIP Adapter
Pins
Dim. “A”
Dim. “B”
Dim. “C”
Dim. “D”
Dim. “W”
±0.003 [±0.08]
non-cumulative
Dim. “X”
±0.003 [±0.08]
non-cumulative
Dim “Y”
±0.003 [±0.08]
Dim. “Z”
±0.003
[±0.08]
Pad Size
28
1.400 [35.56] 1.300 [33.02] 0.705 [17.91] 0.703 [17.86]
0.300 [7.62]
0.300 [7.62]
0.449 [11.41]
0.449 [11.41]
0.024 x 0.076 [0.61 x 1.93]
32
1.600 [40.64] 1.500 [38.10] 0.705 [17.91] 0.805 [20.45]
0.400 [10.16]
0.300 [7.62]
0.549 [13.95]
0.448 [11.39] 0.024 x 0.076 [0.61 x 1.93]
44 2.200 [55.88] 2.100 [53.34] 0.910 [23.11] 0.910 [23.11]
0.500 [12.70]
0.500 [12.70]
0.670 [17.02]
0.670 [17.02] 0.026 x 0.076 [0.66 x 1.93]
68 3.400 [86.36] 3.300 [88.32] 1.220 [30.99] 1.220 [30.99]
0.800 [20.32]
0.800 [20.32]
0.945 [24.00]
0.945 [24.00] 0.026 x 0.076 [0.66 x 1.93]
84 4.200 [106.68] 4.100 [104.14] 1.420 [36.07] 1.421 [36.09]
1.000 [24.40]
1.147 [29.13]
1.147 [29.13]
1.147 [29.13]
0.026 x 0.080 [0.66 x 2.03]
No. of Pins
28, 32, 44, 68, 84
Series
652000: without socket
653000: with socket
ORDERING INFORMATION
XX-65X000-1 X
Plating
0 = Sn/Pb
1 = Au
Solder Tail Pin
CUSTOMIZATION: In addition to the standard products shown
on this page, Aries specializes in custom design and production.
Special materials, platings, sizes, and configurations can be
furnished, depending on the quantity.
NOTE: Aries reserves the
right to change product general specifications without notice.
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS


Similar Part No. - 652000

ManufacturerPart #DatasheetDescription
logo
Littelfuse
6520000000 LITTELFUSE-6520000000 Datasheet
514Kb / 1P
652 Series Circuit Board Mount Enclosed Fuse Holders for 5횞20mm Fuses
Revised: 12/19/13
More results

Similar Description - 652000

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
28-652000-10 ARIES-28-652000-10 Datasheet
450Kb / 1P
PLCC-to-DIP Adapter
28-652000-11-RC ARIES-28-652000-11-RC Datasheet
478Kb / 1P
RoHs/WEEE-Compliant PLCC-to-DIP Adapter
20-352000-10 ARIES-20-352000-10 Datasheet
632Kb / 1P
PLCC-to-DIP Adapter
1111163 ARIES-1111163 Datasheet
476Kb / 1P
40-Pin DIP-to-Socketable PLCC Adapter
1109342 ARIES-1109342 Datasheet
435Kb / 1P
PLCC-to-DIP Adapter
logo
Micronetics, Inc.
NMA2012-A1D MICRONETICS-NMA2012-A1D Datasheet
295Kb / 2P
Dip Packaged Noise Sources 100 kHz to 2000 MHz
logo
FCI connector
54020-44030LF FCI-CONNECTOR-54020-44030LF Datasheet
220Kb / 2P
PLCC DIP Socket
logo
Aries Electronics, Inc.
18014 ARIES-18014 Datasheet
667Kb / 1P
Series 652000 and 653000 PLCC-to-DIP Adapter
18015 ARIES-18015 Datasheet
695Kb / 1P
Series 352000 and 353000 PLCC-to-DIP Adapter
352000 ARIES-352000 Datasheet
695Kb / 1P
Converts PLCC packaged IC-to-DIP footprints
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com