Electronic Components Datasheet Search
  English  ▼

X  

F40 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # F40
Description  This female DIP strip is used in conjunction with Aries??Shorting
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

F40 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  F40 Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Series F40
Thru-Hole .040 [1.02] Female DIP Strips
Note: Aries specializes in custom design and production. In addition to the
standard products shown on this page, special materials, platings, sizes, and
configurations can be furnished, depending on quantities. Aries reserves the
right to change product specifications without notice.
FEATURES:
• This female DIP strip is used in conjunction with Aries’ Shorting
Plug SP200, available separately, for your
programming needs.
• ”Break” feature allows strips to be cut to the number of positions
desired.
SPECIFICATIONS:
• Body material is black UL 94V-0 Glass-filled 4/6 Nylon.
• Pin body is Brass Alloy 360 1/2 hard per UNS C36000 ASTM-
B16-00.
• Pin body plating:
-10 = 200
μ [5.08μm] min.Tin per ASTM B545 Type 1 over 100μ
[2.54
μm] min. Nickel per SAE-AMS-QQ-N-290.
-10TL = 200
μ [5.08μm] min. 93/7 Tin/Lead per MIL-P-81728
over 100
μ [2.54μm] min. Nickel per SAE-AMS-QQ-N-290.
• 4-fingered collet contact is Beryllium Copper Alloy per
UNS C17200 ASTM-B194-01.
• Collet contact plating is 30
μ [.76μm] min. Gold per
MIL-G-45204 over 50
μ [1.27μm] min. Nickel per SAE-AMS-QQ-
N-290.
• Contact current rating=8 Amps.
• Operating temperature= -67° to 221°F [-55° to 105°C].
• Insertion Force=240 grams/pin; Withdrawal Force=130
grams/pin; Normal Force=210 grams/pin; based on a .040
[1.02] diameter test lead.
• Accepts leads .032-.047 [.81-1.19] in diameter, .130-.180 [3.30-
4.56] long.
MOUNTING CONSIDERATIONS:
• Suggested PCB hole size=.081 ± .002 [2.03 ± .05] dia.
ALL DIMENSIONS: INCHES [MILLIMETERS]
CONTACT DETAIL
XX - F40 - 10 XX
Mates with Aries’ Shorting
Plugs, Part No. SP200.
Consult Data Sheet No.
16009 for details.
Consult Data Sheet No.
16007 for thru-hole
male DIP strips.
ORDERING INFORMATION
All tolerances ± .005 [.13]
unless otherwise specified
PRINTOUTS OF THIS DOCUMENT MAY BE OUT OF DATE AND SHOULD BE CONSIDERED UNCONTROLLED
16008
REV. E
No. of Pins:
2 - 20 (even # only)
Ex. 02 = 2 pins
14 = 14 pins
Series
Tin Plating
Plating Option:
TL = Tin/Lead
Bristol, PA 19007-6810 USA
TEL (215) 781-9956 • FAX (215) 781-9845
WWW.ARIESELEC.COM • INFO@ARIESELEC.COM


Similar Part No. - F40

ManufacturerPart #DatasheetDescription
logo
Powerbox
F40 POWERBOX-F40 Datasheet
493Kb / 2P
10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
Ohmite Mfg. Co.
F40 OHMITE-F40 Datasheet
360Kb / 3P
Stackable
logo
XP Power Limited
F40 XPPOWER-F40 Datasheet
622Kb / 6P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F40 XPPOWER-F40 Datasheet
2Mb / 6P
DC-HVDC C ONVERTER
22 Jun 2022
F40/F40CT XPPOWER-F40/F40CT Datasheet
622Kb / 6P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
More results

Similar Description - F40

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KTLP250H COSMO-KTLP250H Datasheet
213Kb / 8P
This unit is 8.lead DIP package
KTLP250S COSMO-KTLP250S Datasheet
213Kb / 8P
This unit is 8.lead DIP package
KTLP350H COSMO-KTLP350H Datasheet
191Kb / 8P
This unit is 8.lead DIP package
logo
Pasternack Enterprises,...
PE6135 PASTERNACK-PE6135 Datasheet
232Kb / 2P
Shorting TNC Female Dust Cap
logo
Cynergy3 Co
LITTLE-EX CYNERGY3-LITTLE-EX Datasheet
725Kb / 1P
This series is for use in hazardous areas This is suitable for use in water
logo
Seoul Semiconductor
ZC60-COOL SEOUL-ZC60-COOL Datasheet
492Kb / 5P
Information in this presentation is provided in connection with Seoul Semiconductor
logo
Analog Devices
EVAL-AD5689R AD-EVAL-AD5689R Datasheet
882Kb / 12P
PC control in conjunction with Analog Devices
Rev. PrA
UG-291 AD-UG-291 Datasheet
278Kb / 16P
The SDP-S board is designed to be used in conjunction
Rev. A
logo
Littelfuse
RM1000 LITTELFUSE-RM1000 Datasheet
502Kb / 2P
The RM-1000 Series is a motor-monitoring device to be used in conjunction with the 777 family of products
RM2000 LITTELFUSE-RM2000 Datasheet
383Kb / 2P
The RM2000 Series is a motor-monitoring device to be used in conjunction with the 777 family of products
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com