Electronic Components Datasheet Search
  English  ▼

X  

ERA Datasheet(PDF) 2 Page - Mini-Circuits

Part # ERA
Description  MONOLITHIC AMPLIFIERS 50??BROADBAND DC to 8 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ERA Datasheet(HTML) 2 Page - Mini-Circuits

  ERA Datasheet HTML 1Page - Mini-Circuits ERA Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The Design Engineers Search Engine
Provides Actual Data Instantly
At:
http://www.minicircuits.com
In Stock... Immediate Delivery
For Custom Versions Of Standard Models
Consult Our Applications Dept.
Mini-Circuits
Mini-Circuits
®
KIT
NO.
Model
Type
No. of
Units in Kit
Description
Price $
per kit
designers kits available
K1-ERA
ERA
30
10 of each 1,2,3
49.95
K2-ERA
ERA
20
10 of each 4,5
69.95
K1-ERASM
ERA-SM
30
10 of each 1SM, 2SM,3SM
49.95
K2-ERASM
ERA-SM
20
10 of each 4SM, 5SM
69.95
K3-ERASM
ERA-SM
30
10 of each 4SM, 5SM, 6SM
99.95
Drop-In & Surface Mount
ERA-SM
pin connections
PORT
cb
RF IN
1
RF OUT
3
DC
3
CASE GND
2,4
NOT USED
—
DEMO BOARD
ERA-TB
NSN GUIDE
MCL NO.
NSN
ERA-1SM
5962-01-459-9075
ERA-3SM
5996-01-516-5438
ERA-4SM
5962-01-459-7410
ERA-5SM
5962-01-459-9314
J
J
J
J
J
FREQ.
GHz
MODEL
u
u
u
u
u
NO.
C
O
N
N
E
C
T
I
O
N
CASE
STYLE
Qty.
(30)
PRICE
$
Note B
THERMAL
RESIS-
TANCE
GAIN , dB Typical
DC
OPERATING
POWER4
at Pin 3
In
f
L - fU
θθθθθjc
Typ.
°C/W
Current
(mA)
P
(mW)
ABSO-
LUTE
MAX.
RATING3
I
(mA)
VSWR
(:1)
Typ.
DYNAMIC
RANGE
at 2 GHz*
NF
(dB)
Typ.
IP3
(dBm)
Typ.
MAXIMUM
POWER (dBm)
at 2 GHz*
Input
(no
dmg)
Output
(1 dB
Comp.)
Typ. Min.
3-f
U**
GHz
DC-3
GHz
3-f
U**
GHz
DC-3
GHz
Out
Min.@
2 GHz
1
0.1
2
3
4
over frequency, GHz
typical biasing configuration
1
1
10
10
100
100
1,000
1,000
140
140
160
160
180
180
200
200
220
220
Junction Temp. (
Junction Temp. (˚C)
C)
MTTF vs. Junction Temp. (ERA-5, ERA-5SM)
MTTF vs. Junction Temp. (ERA-5, ERA-5SM)
169
see suggested PCB layout PL-075 for ERA models
NEW
NEW
Vcc
ERA-1
ERA-2
ERA-21SM
ERA-3
ERA-33SM
ERA-4,
ERA-5,
ERA-50SM,
ERA-6,
ERA-8SM
ERA-1SM
ERA-2SM
ERA-3SM
4SM,4XSM
5SM
-51SM,5XSM ERA-6SM
7
90.9
88.7
88.7
107
69.8
38.3
33.2
40.2
30.1
88.7
8
113
113
113
133
93.1
52.3
48.7
53.6
43.2
118
9
137
137
137
162
115
66.5
63.4
68.1
56.2
143
10
162
162
162
191
140
80.6
78.7
82.5
69.8
174
11
187
187
187
221
165
95.3
95.3
97.6
84.5
200
12
215
215
215
249
191
110
110
113
97.6
226
13
237
237
237
280
215
127
124
127
113
255
14
261
261
261
309
243
143
140
143
127
280
15
287
287
287
340
267
158
158
158
140
309
16
309
309
316
365
287
174
174
174
154
340
17
332
332
340
392
316
187
187
191
169
365
18
357
365
365
422
340
205
205
205
182
392
19
383
392
392
453
365
221
221
221
196
422
20
412
412
412
475
392
237
232
237
210
453
R BIAS
"1%" Resistor Values (ohms) for Optimum Biasing of ERA Models
medium power, up to +18.4 dBm output
all specifications at 25°C
Typ Min Max
Device
Volt.
ERA-6
DC-4
12.6 12.5 12.2
11.7
11.3
10.5
17.9
16
20
4.5 36
1.3
1.2
1.6 1.8
120 650
70
5.0 4.6 5.6
170
VV105 cb
3.85
ERA-4
DC-4
14.3 14.0 13.4
12.7
11.8
11
17.3
15
20
4.2 34
1.2
1.2
1.3 1.8
120 650
65
4.5 4.2 5.5
163
VV105 cb
3.85
ERA-5
DC-4
20.2 19.5 18.5
16.7
14.3
16
18.4 16.5
13
4.3 32.5 1.3
1.3
1.2 1.3
120 650
65
4.9 4.2 5.5
278
VV105 cb
3.85
ERA-6SM
DC-4
12.6 12.5 12.2
11.7
11.3
10.5
17.9
16
20
4.5 36
1.3
1.2
1.6 1.8
120 650
70
5.0 4.6 5.6
175
WW107 cb
3.90
ERA-4SM
DC-4
14.3 14.0 13.4
12.7
11.8
11
17.3
15
20
4.2 34
1.2
1.2
1.3 1.8
120 650
65
4.5 4.2 5.5
168
WW107 cb
3.90
ERA-4XSM
DC-4
14.7 14.2 13.5
12.0
11.8
12
17.0 15.0
20
4.2 35
1.2
1.2
1.2 1.4
100 650
65
4.5 4.2 5.5
196
WW107 cb
1.69
ERA-5XSM
DC-4
20.5 19.5 17.6
15.5
13.7
16
17.8 16.5
13
3.5 33
1.2
1.3
1.2 1.4
120 650
65
4.9 4.2 5.5
133
WW107 cb
1.69
ERA-51SM
DC-4
18.0 17.4 16.1
14.8
12.5
14
18.1 16.5
13
4.1 33
1.1
1.2
1.2 1.9
120 650
65
4.5 4.2 5.5
154
WW107 cb
3.90
ERA-5SM
DC-4
20.2 19.5 17.6
15.6
14.0
16
18.4 16.5
13
4.3 32.5 1.3
1.3
1.2 1.3
120 650
65
4.9 4.2 5.5
283
WW107 cb
3.90
ERA-50SM***
DC-1.5 20.7 19.4 18.3
—
—
16
17.2 16.0
13
3.5 32.5 1.3
—
1.2 —
120 650
60
4.4 4.0 4.9
177
WW107 cb
2.95
ERA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com