Electronic Components Datasheet Search
  English  ▼

X  

T322 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T322
Description  Axial Through-Hole Tantalum
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T322 Datasheet(HTML) 1 Page - Kemet Corporation

  T322 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Capacitance Range
.10 µF – 10 µF
.33 µF – 33 µF
1.2 µF – 68 µF
2.7 µF – 68 µF
5.6 µF – 220 µF
12.0 µF – 330 µF
For more information, samples
and engineering kits,
please visit us at www.kemet.com
or call 1.877.myKEMET.
SA0912
Copyright © 2012 KEMET
Why Choose KEMET
KEMET applies world-class service and quality
to deliver industry-leading, high performance
capacitance solutions worldwide. With 95% of
possible dielectric solutions, KEMET offers the
world’s most complete line of surface mount
and through-hole capacitor technologies across
tantalum, ceramic, film, aluminum and paper
dielectrics. One world. One KEMET.
Axial Through-Hole Tantalum
T322 Commercial & T323 Military Series
PRODUCTS
Programs Supported
• Military/Aerospace
• Commercial computer, communications and other electronic equipment
• Bypass and filtering
• Decoupling
• Blocking
• RC timing circuits
Electrical/Physical Characteristics
A
B
C
D
E
F
Case Size
Dimensions, DxLxW (inches)
.095 x .0260 x .020
.110 x .290 x .020
.180 x .345 x .020
.180 x .420 x .020
.280 x .530 x .025
.300 x .710 x .025
Characteristics
• 2V – 5V
• 5%, 10% and 20% tolerances
• Operating temperature range
55°C to 125°C
• Available RoHS compliant
• Tape & reel packaging available
Features & Benefits
• T323 Series qualified under MIL-PRF-49137/1
& 5 as Military Style CX01 & CX05
• Complete line of extended-range molded
solid tantalum capacitors
• Designed specifically for high-speed
automatic insertion applications
• High capacitance-to-volume ratio while
maintaining excellent performance
• Low ESR/impedance at high frequencies
• 100% tin and tin/lead termination options
Product Checklist
• What is the circuit operating temperature?
• What is the circuit operating voltage?
• Are there any voltage spikes expected?
• Are there any environmental concerns
such as temperature, moisture or vibration?
• What are the physical space restrictions?


Similar Part No. - T322

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T322000 E-SWITCH-T322000 Datasheet
36Kb / 1P
All Dimension In MM
T322012 E-SWITCH-T322012 Datasheet
37Kb / 1P
All Dimension In MM
logo
TE Connectivity Ltd
T3224-PRINTER TEC-T3224-PRINTER Datasheet
1Mb / 4P
CONTINUOUS TUBE HIGH TEMPERATURE HT-CT
08/25/2021 10:51AM
T3224-SWARE-PRINTER TEC-T3224-SWARE-PRINTER Datasheet
1Mb / 4P
CONTINUOUS TUBE HIGH TEMPERATURE HT-CT
08/25/2021 10:51AM
logo
List of Unclassifed Man...
T3228D1 ETC2-T3228D1 Datasheet
275Kb / 14P
SMD TypeWhite LED
More results

Similar Description - T322

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MTP VISHAY-MTP Datasheet
87Kb / 2P
Wet Tantalum Capacitors Subminiature, Axial Leads
24-Jul-02
logo
Kemet Corporation
T352F227 KEMET-T352F227 Datasheet
590Kb / 84P
TANTALUM HERMETICALLY SEALED / AXIAL
logo
CTS Corporation
206-208 CTS-206-208 Datasheet
336Kb / 4P
Multifunctional Through Hole Through Hole
logo
DB Lectro Inc
CA33M032 DBLECTRO-CA33M032 Datasheet
232Kb / 2P
CA Hermetically Sealed Axial Tantalum Capacitor
logo
Cornell Dubilier Electr...
TAC335K006P01 CDE-TAC335K006P01 Datasheet
196Kb / 4P
Molded, Axial Leaded Solid Tantalum Capacitors
logo
Kemet Corporation
T110A474K035AT KEMET-T110A474K035AT Datasheet
568Kb / 38P
TANTALUM HERMETICALLY SEALED / AXIAL ??MIL-PRF-39003
M550B108M060AA KEMET-M550B108M060AA Datasheet
526Kb / 10P
Tantalum Through-Hole Capacitors ??Hermetically Sealed
logo
Cornell Dubilier Electr...
TAC CDE-TAC Datasheet
233Kb / 4P
Molded, Axial Lead, Solid Tantalum Capacitors
logo
Kemet Corporation
T35XA105M035AS KEMET-T35XA105M035AS Datasheet
504Kb / 13P
Tantalum Through-Hole Capacitors ??Radial Dipped
logo
Vishay Siliconix
FHV VISHAY-FHV Datasheet
89Kb / 4P
Thick Film Planar Resistors, Through-Hole, Axial Lead, High Voltage
06-Jun-13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com