Electronic Components Datasheet Search
  English  ▼

X  

ELS-950 Datasheet(PDF) 1 Page - Mini-Circuits

Part # ELS-950
Description  Fixed Magnitude Mismatch Electronic Line Stretcher 400 to 950 MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ELS-950 Datasheet(HTML) 1 Page - Mini-Circuits

  ELS-950 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELS-950
Features
•
over 360° phase shift of the reflected signal
•
normalized and stable magnitude of the
reflected signal
•
voltage controlled for automated applications
•
protected under US Patent No. 6,479,977
Outline Drawing
Electronic Line Stretcher
400 to 950 MHz
Fixed Magnitude Mismatch
Outline Dimensions (
)
inch
mm
CASE STYLE: K18
CONNECTOR: SMA FEMALE
PRICE: $149.95 ea.
QTY.: (1-9)
Electrical Specifications
FREQUENCY
RANGE
(MHz)
CONTROL
VOLTAGE
(V)
PHASE RANGE
(Degrees)
RETURN LOSS
(dB)
f
L-fU
Min.
Typ.
400-950
10
360
10-12
0.5-25
REV. A
M92831
ED-8429/1
ELS-950
MM/EZ/CP
040609
A
B
CDE
F
G
H
1.25
1.25
.75
.63
.38
1.000
.125
1.000
31.75
31.75
19.05
16.00
9.65
25.40
3.18
25.40
J
K
L
M
N
P
Q
wt.
—
—
.125
1.688
2.18
.75
.07 grams
—
—
3.18
42.88
55.37
19.05
1.78
70.0
INPUT
POWER
(dBm)
Max.
Applications
•
automated load-pull measurement of oscillators
Application Block Diagram
Maximum Phase Shift vs Frequency
at temperature extremes
@ Pin = +7 dBm
270
360
450
300
400
500
600
700
800
900
1000
1100
Frequency, MHz
0C
+50C
Return Loss vs Frequency
at temperature extremes
@ Pin = +7 dBm
-13
-12
-11
-10
-9
300
400
500
600
700
800
900
1000
1100
Frequency, MHz
Vc=0.5V @ 0C
Vc= 10V @ 0C
Vc=25V @ 0C
Vc=0.5V @ +50C
Vc= 10V @ +50C
Vc=25V @ +50C
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
ISO 9001 CERTIFIED
Maximum Ratings
Operating Temperature
0°C to 50°C
Storage Temperature
-40°C to 100°C
RF Input Power
13 dBm
Control Voltage
0.5V to 30V
Pin Configuration
RF IN
1
MONITOR OUT
2
CONTROL
3


Similar Part No. - ELS-950

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
ELS-1 PF-ELS-1 Datasheet
832Kb / 4P
Enclosure Leakage Sensor
logo
Everlight Electronics C...
ELS-1005SURWA/S530-A3 EVERLIGHT-ELS-1005SURWA/S530-A3 Datasheet
123Kb / 7P
Technical Data Sheet 1.0" Single Digit Displays
ELS-1005SYGWA/S530-E2 EVERLIGHT-ELS-1005SYGWA/S530-E2 Datasheet
113Kb / 6P
Technical Data Sheet 1.0" Single Digit Displays
ELS-1005USOWA/S530-A3 EVERLIGHT-ELS-1005USOWA/S530-A3 Datasheet
115Kb / 6P
Technical Data Sheet 1.0" Single Digit Displays
ELS-1006SURWA-S530-A3 EVERLIGHT-ELS-1006SURWA-S530-A3 Datasheet
167Kb / 5P
1.0" Single Digit Displays
More results

Similar Description - ELS-950

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ELS-210 MINI-ELS-210 Datasheet
79Kb / 1P
Fixed Magnitude Mismatch Electronic Line Stretcher 110 to 210 MHz
ELS-450 MINI-ELS-450 Datasheet
78Kb / 1P
Electronic Line Stretcher 180 to 450 MHz
ELS-1300 MINI-ELS-1300 Datasheet
78Kb / 1P
Electronic Line Stretcher 750 to 1300 MHz
logo
Advanced Technical Mate...
P291X ATM-P291X Datasheet
67Kb / 1P
OUTLINE, P291 LINE STRETCHER
P191X ATM-P191X Datasheet
87Kb / 1P
OUTLINE, SMA LINE STRETCHER
logo
Micrel Semiconductor
MICRF221 MICREL-MICRF221 Datasheet
1Mb / 26P
3.3V, QwikRadio 850 MHz to 950 MHz Receiver
logo
Analog Devices
ADL5324 AD-ADL5324 Datasheet
579Kb / 20P
400 MHz to 4000 MHz
REV. B
ADRF6750ACPZ-R7 AD-ADRF6750ACPZ-R7 Datasheet
1Mb / 40P
950 MHz to 1575 MHz Quadrature Modulator
REV. A
logo
KR Electronics, Inc.
3078-950 KR-3078-950 Datasheet
75Kb / 3P
950 MHz Bandpass Filter
logo
Micrel Semiconductor
MICRF221 MICREL-MICRF221_15 Datasheet
923Kb / 26P
3.3V, QwikRadio짰 850 MHz to 950 MHz Receiver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com