Electronic Components Datasheet Search
  English  ▼

X  

P3002ACMC Datasheet(PDF) 54 Page - Teccor Electronics

Part # P3002ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3002ACMC Datasheet(HTML) 54 Page - Teccor Electronics

Back Button P3002ACMC Datasheet HTML 50Page - Teccor Electronics P3002ACMC Datasheet HTML 51Page - Teccor Electronics P3002ACMC Datasheet HTML 52Page - Teccor Electronics P3002ACMC Datasheet HTML 53Page - Teccor Electronics P3002ACMC Datasheet HTML 54Page - Teccor Electronics P3002ACMC Datasheet HTML 55Page - Teccor Electronics P3002ACMC Datasheet HTML 56Page - Teccor Electronics P3002ACMC Datasheet HTML 57Page - Teccor Electronics P3002ACMC Datasheet HTML 58Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 212 page
background image
LCAS Asymmetrical Multiport Device
http://www.teccor.com
2 - 36
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
LCAS Asymmetrical Multiport Device
This is an integrated multichip solution for protecting multiple twisted pair from
overvoltage conditions. Based on a six-pin surface mount SOIC package, it is
equivalent to four discrete DO-214AA or two TO-220 packages. Available in surge
current ratings up to 500 A, the multiport line protector is ideal for densely populated
line cards that cannot afford PCB inefficiencies or the use of series power resistors.
For a diagram of an LCAS (Line Circuit Access Switch) application, see Figure 3.21.
* For individual “UA”, “UB”, and “UC” surge ratings, see table below.
General Notes:
• All measurements are made at an ambient temperature of 25 °C. IPP applies to -40 °C through +85 °C temperature range.
• IPP is a repetitive surge rating and is guaranteed for the life of the product.
• Listed SIDACtor devices are bi-directional. All electrical parameters and surge ratings apply to forward and reverse polarities.
• VDRM is measured at IDRM.
• VS is measured at 100 V/µs.
• Special voltage (VS and VDRM) and holding current (IH) requirements are available upon request.
• Off-state capacitance is measured between Pins 1-2 and 3-2 at 1 MHz with a 2 V bias and is a typical value for “UA” product. “UB”
and “UC” capacitance is approximately 2x higher.
Electrical Parameters
Part
Number *
VDRM
Volts
VS
Volts
VDRM
Volts
VS
Volts
VT
Volts
IDRM
µAmps
IS
mAmps
IT
Amps
IH
mAmps
CO
pF
Pins 3-2, 6-5
Pins 1-2, 4-5
Pins 3-2, 6-5, 1-2, 4-5
A1220U_4
100
130
180
220
4
5
800
2.2
120
30
A1225U_4
100
130
230
290
4
5
800
2.2
120
30
Surge Ratings
Series
IPP
2x10 µs
Amps
IPP
8x20 µs
Amps
IPP
10x160 µs
Amps
IPP
10x560 µs
Amps
IPP
10x1000 µs
Amps
ITSM
60 Hz
Amps
di/dt
Amps/µs
A
150
150
90
50
45
20
500
B
250
250
150
100
80
30
500
C
500
400
200
150
100
50
500
1
(R1)
2
(G1)
3
(T1)
6
(T2)
4
(R2)
5
(G2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com