Electronic Components Datasheet Search
  English  ▼

X  

P3002ACMC Datasheet(PDF) 109 Page - Teccor Electronics

Part # P3002ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3002ACMC Datasheet(HTML) 109 Page - Teccor Electronics

Back Button P3002ACMC Datasheet HTML 105Page - Teccor Electronics P3002ACMC Datasheet HTML 106Page - Teccor Electronics P3002ACMC Datasheet HTML 107Page - Teccor Electronics P3002ACMC Datasheet HTML 108Page - Teccor Electronics P3002ACMC Datasheet HTML 109Page - Teccor Electronics P3002ACMC Datasheet HTML 110Page - Teccor Electronics P3002ACMC Datasheet HTML 111Page - Teccor Electronics P3002ACMC Datasheet HTML 112Page - Teccor Electronics P3002ACMC Datasheet HTML 113Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 212 page
background image
Analog Line Cards
© 2002 Teccor Electronics
3 - 21
http://www.teccor.com
SIDACtor® Data Book and Design Guide
+1 972-580-7777
Figure 3.25 shows protection of a SLIC using 20
W series resistors on both Tip and Ring in
addition to Teccor’s Battrax (B1100CC) and a diode bridge (General Semiconductor part
number EDF1BS). However, the overshoot caused by the diode bridge must be considered.
The series resistance (a minimum of 20
W on Tip and 20 W on Ring) limits the simultaneous
surge currents of 100 A from Tip to Ground and 100 A from Ring to Ground (200 A total) to
within the surge current rating of the SA-rated SIDACtor device and Battrax. The diode
bridge shunts all positive voltages to Ground, and the B1100CC shunts all negative
voltages greater than |-VREF -1.2 V| to Ground.
Figure 3.25 SLIC Protection with a Single Battrax Device
R
E
L
A
Y
S
L
I
C
F0500T
F0500T
P3100SA
P3100SA
20
Ω
20
Ω
B1100CC
EDF1BS
0.1 µF
-VREF
Tip
Ring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com